Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7505 Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7505
Description  Car radio DSP for advanced signal processing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7505 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7505 Datasheet HTML 15Page - STMicroelectronics TDA7505 Datasheet HTML 16Page - STMicroelectronics TDA7505 Datasheet HTML 17Page - STMicroelectronics TDA7505 Datasheet HTML 18Page - STMicroelectronics TDA7505 Datasheet HTML 19Page - STMicroelectronics TDA7505 Datasheet HTML 20Page - STMicroelectronics TDA7505 Datasheet HTML 21Page - STMicroelectronics TDA7505 Datasheet HTML 22Page - STMicroelectronics TDA7505 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
TDA7505
Electrical specifications
19/38
4.6
SAI protocol
Figure 5.
SAI protocol
4.7
SPDIF receiver
Table 12.
SAI interface timing - transmitter
Timing
Description
Min
Typ
Max
Unit
TDSP
(1)
1.
TDSP = DSP master clock cycle time = 1/Fdsp
Internal DSP clock period (typical 1/75MHz)
13.33
ns
tsckt
Minimum clock cycle
6 TDSP
ns
tlrckts
LRCKT setup time
TDSP
ns
tlrckth
LRCKT hold time
TDSP
ns
tdt
SCKT active edge to data out valid
TDSP
ns
tsckth
Minimum SCKT high time
0.35 tsckr
ns
tscktl
Minimum SCKT low time
0.35 tsckr
ns
RIGHT CHANNEL
LEFT CHANNEL
SDY0-2
LRCKX
XREL = 0
XLRS = 0
LRCKX
XREL = 0
XLRS = 1
LRCKX
XREL = 1
XLRS = 0
15
31
14
30
13
29
0
1
6
5
4
3
2
1
0
15
31
14
30
13
29
6
5
4
3
2
1
0
15
31
14
30
13
29
15
31
14
30
13
29
2
1
0
10
26
11
27
12
28
9
25
15
31
14
30
13
29
2
1
0
10
26
11
27
12
28
9
25
1
0
2
15
31
14
30
SDY0-2
XDIR = 0
XDIR = 1
SCKX
SCKX
XCKP = 0
XCKP = 1
Notes: 1) X = R for receiver
X = T for transmitter
2) Y = I for receiver
Y = O for transmitter
Table 13.
SPDIF receiver
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
fspdif
Input sampling rate
Fdsp = 75 MHz
32
96
kHz
Input precision with direct interface to DSP
24
bit
Input precision with interface to ASRC
20
bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com