Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 66 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 62Page - STMicroelectronics STPCATLAS Datasheet HTML 63Page - STMicroelectronics STPCATLAS Datasheet HTML 64Page - STMicroelectronics STPCATLAS Datasheet HTML 65Page - STMicroelectronics STPCATLAS Datasheet HTML 66Page - STMicroelectronics STPCATLAS Datasheet HTML 67Page - STMicroelectronics STPCATLAS Datasheet HTML 68Page - STMicroelectronics STPCATLAS Datasheet HTML 69Page - STMicroelectronics STPCATLAS Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 111 page
background image
ELECTRICAL SPECIFICATIONS
66/111
Issue 1.0 - July 24, 2002
4.5.13 USB INTERFACE
The USB interface integrated into the STPC
device is compliant with the USB 1.1 standard.
4.5.14 KEYBOARD & MOUSE INTERFACES
Table
4-22
and
Table
4-23
list
the
AC
characteristics of the Keyboard and Mouse
interfaces.
4.5.15 IEEE1284 INTERFACE
Table 4-24 lists the AC characteristics of the
Keyboard and Mouse interfaces.
Table 4-22. Keyboard Interface AC Timing
Name
Parameters
Min
Max
Units
Input setup to KBCLK
5
-
nS
Input hold to KBCLK
1
-
nS
KBCLK to KBDATA
-
12
nS
Table 4-23. Mouse Interface AC Timing
Name
Parameters
Min
Max
Units
Input setup to MCLK
5
-
nS
Input hold to MCLK
1
-
nS
MCLK to MDATA
-
12
nS
Table 4-24. Parallel Interface AC Timing
Name
Parameters
Min
Max
Units
STROBE# to BUSY setup
0
-
nS
PD bus to AUTPFD# hold
0
-
nS
PB bus to BUSY setup
0
-
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com