Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 50 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 46Page - STMicroelectronics STPCATLAS Datasheet HTML 47Page - STMicroelectronics STPCATLAS Datasheet HTML 48Page - STMicroelectronics STPCATLAS Datasheet HTML 49Page - STMicroelectronics STPCATLAS Datasheet HTML 50Page - STMicroelectronics STPCATLAS Datasheet HTML 51Page - STMicroelectronics STPCATLAS Datasheet HTML 52Page - STMicroelectronics STPCATLAS Datasheet HTML 53Page - STMicroelectronics STPCATLAS Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 111 page
background image
ELECTRICAL SPECIFICATIONS
50/111
Issue 1.0 - July 24, 2002
4.5.3. SDRAM INTERFACE
Figure 4-5, Table 4-10, Table 4-11 lists the AC
characteristics of the SDRAM interface. The
MCLKx clocks are the input clock of the SDRAM
devices.
The PC100 memory is recommended to reach
90MHz operation.
Figure 4-5. SDRAM Timing Diagram
MCLKI
STPC.output
STPC.input
MCLKx
Tdelay
Tsetup
Thold
Toutput (min)
Toutput (max)
Tcycle
Thigh
Tlow
Table 4-10. SDRAM Bus AC Timings - Commercial Temperature Range
Name
Parameter
Min
Typ
Max
Unit
Tcycle
MCLKI Cycle Time
10
ns
Thigh
MCLKI High Time
4
ns
Tlow
MCLKI Low Time
4
ns
MCLKI Rising Time
1
ns
MCLKI Falling Time
1
ns
Tdelay
MCLKx to MCLKI delay
2.1
ns
Toutput
MCLKI to RAS# Valid
1.6
5.2
ns
MCLKI to CAS# Valid
1.6
5.2
ns
MCLKI to CS# Valid
1.6
5.2
ns
MCLKI to DQM[ ] Outputs Valid
1.35
5.2
ns
MCLKI to MD[ ] Outputs Valid
1.35
5.2
ns
MCLKI to MA[ ] Outputs Valid
1.6
5.2
ns
MCLKI to MWE# Valid
1.6
5.2
ns
Tsetup
MD[63:0] setup to MCKLI
7.5
ns
Thold
MD[63:0] hold from MCKLI
-0.36
ns
Note: These timings are for a load of 50pF, part running at 100MHz and ReadCLK not activated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com