Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 45 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 45 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 41Page - STMicroelectronics STPCATLAS Datasheet HTML 42Page - STMicroelectronics STPCATLAS Datasheet HTML 43Page - STMicroelectronics STPCATLAS Datasheet HTML 44Page - STMicroelectronics STPCATLAS Datasheet HTML 45Page - STMicroelectronics STPCATLAS Datasheet HTML 46Page - STMicroelectronics STPCATLAS Datasheet HTML 47Page - STMicroelectronics STPCATLAS Datasheet HTML 48Page - STMicroelectronics STPCATLAS Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 111 page
background image
ELECTRICAL SPECIFICATIONS
Issue 1.0 - July 24, 2002
45/111
Note 1: PCI clock at 33MHz
WLC
White Level Current
15.00 mA
18.50 mA
Table 4-4. RAMDAC DC Specification
Symbol
Parameter
Min
Max
Table 4-5. VGA RAMDAC Power Consumption
DCLK
(MHz)
DAC mode
(State)
PMax (mW)
VDD_DAC = 2.45V
VDD_DAC = 2.7V
-
Shutdown
0
0
6.25 - 135
Active
150
180
Table 4-6. 2.5V Power Consumptions (VCORE + VDD_x_PLL + VDD_DAC)
HCLK
(MHz)
CPUCLK
(MHz)
MCLK
(MHz)
Mode
DCLK
(MHz)
PMU
(State)
PMax (W)
V2.5V=2.45V
V2.5V=2.7V
66
133 (x2)
66
SYNC
Stopped
Stop Clock
1.5
1.9
Full Speed
2.5
3.0
135
Stop Clock
2.1
2.6
Full Speed
2.1
3.6
66
133 (x2)
90
ASYNC
Stopped
Stop Clock
1.9
2.4
Full Speed
2.8
3.5
135
Stop Clock
2.5
3.1
Full Speed
3.3
4.1
Table 4-7. 3.3V Power Consumptions (VDD)
HCLK
(MHz)
CPUCLK
(MHz)
MCLK
(MHz)
DCLK
(MHz)
PMU
(State)
PMax
(mW)
66
133 (x2)
66
6.26
Full Speed
130
135
215
66
133 (x2)
90
6.26
Full Speed
150
135
240
Table 4-8. PLL Power Consumptions
PLL name
PMax (mW)
VDD_PLL = 2.45V
VDD_PLL = 2.7V
VDD_DCLK_PLL
5
10
VDD_DEVCLK_PLL
5
10
VDD_HCLKI_PLL
5
10
VDD_HCLKO_PLL
5
10
VDD_MCLKI_PLL
5
10
VDD_MCLKO_PLL
5
10
VDD_PCICLK_PLL
5
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com