Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 79 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 79 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 75Page - STMicroelectronics STPCATLAS Datasheet HTML 76Page - STMicroelectronics STPCATLAS Datasheet HTML 77Page - STMicroelectronics STPCATLAS Datasheet HTML 78Page - STMicroelectronics STPCATLAS Datasheet HTML 79Page - STMicroelectronics STPCATLAS Datasheet HTML 80Page - STMicroelectronics STPCATLAS Datasheet HTML 81Page - STMicroelectronics STPCATLAS Datasheet HTML 82Page - STMicroelectronics STPCATLAS Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 111 page
background image
DESIGN GUIDELINES
Issue 1.0 - July 24, 2002
79/111
6.3.3. SDRAM
The STPC provides all the signals for SDRAM
control. Up to 128 MBytes of main memory are
supported. All Banks must be 64 bits wide. Up to 4
memory banks are available when using 16Mbit
devices. Only up to 2 banks can be connected
when using 64Mbit and 128Mbit components due
to the reallocation of CS2# and CS3# signals. This
is described in Table 6-4 and Table 6-5.
Graphics memory resides at the beginning of
Bank 0. Host memory begins at the top of graphics
memory and extends to the top of populated
SDRAM. Bank 0 must always be populated.
Figure 6-5, Figure 6-6 and Figure 6-7 show some
typical implementations.
The purpose of the serial resistors is to reduce
signal
oscillation
and
EMI
by
filtering
line
reflections. The capacitance in Figure 6-5 has a
filtering effect too, while it is used for propagation
delay compensation in the 2 other figures.
Figure 6-5. One Memory Bank with 4 Chips (16-bit)
CS0#
BA[1:0]
MA[12:0]
WE#
RAS0#
DQM[7:0]
MCLKI
MCLKO
DQM[7:6]
Reference Knot
CAS0#
MD[63:48]
DQM[5:4]
MD[47:32]
DQM[3:2]
MD[31:16]
DQM[1:0]
MD[15:0]
MD[63:0]
MCLKA
MCLKB
MCLKC
MCLKD
10pF
Length(MCLKI) = Length(MCLKy) with y = {A,B,C,D}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com