Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 3 Page - STMicroelectronics

  STPCATLAS Datasheet HTML 1Page - STMicroelectronics STPCATLAS Datasheet HTML 2Page - STMicroelectronics STPCATLAS Datasheet HTML 3Page - STMicroelectronics STPCATLAS Datasheet HTML 4Page - STMicroelectronics STPCATLAS Datasheet HTML 5Page - STMicroelectronics STPCATLAS Datasheet HTML 6Page - STMicroelectronics STPCATLAS Datasheet HTML 7Page - STMicroelectronics STPCATLAS Datasheet HTML 8Page - STMicroelectronics STPCATLAS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 111 page
background image
STPC
® ATLAS
Issue 1.0 - July 24, 2002
3/111
s
TFT Interface
s
Programmable panel size up to 1024 by 1024
pixels.
s
Support for VGA and SVGA active matrix
TFT flat panels with 9, 12, 18-bit interface (1
pixel per clock).
s
Support for XGA and SXGA active matrix
TFT flat panels with 2 x 9-bit interface (2
pixels per clock).
s
Programmable image positionning.
s
Programmable blank space insertion in text
mode.
s
Programmable horizontal and vertical image
expansion in graphic mode.
s
One fully programmable PWM (Pulse Width
Modulator) signals to adjust the flat panel
brightness and contrast.
s
Supports PanelLink
TM
high speed serial
transmitter externally for high resolution
panel interface.
s
PCI Controller
s
Compatible with PCI 2.1 specification.
s
Integrated PCI arbitration interface. Up to 3
masters can connect directly. External logic
allows for greater than 3 masters.
s
Translation of PCI cycles to ISA bus.
s
Translation of ISA master initiated cycle to
PCI.
s
Support for burst read/write from PCI master.
s
PCI clock is 1/2, 1/3 or 1/4 Host bus clock.
s
ISA master/slave
s
Generates the ISA clock from either
14.318MHz oscillator clock or PCI clock
s
Supports programmable extra wait state for
ISA cycles
s
Supports I/O recovery time for back to back
I/O cycles.
s
Fast Gate A20 and Fast reset.
s
Supports the single ROM that C, D, or E.
blocks shares with F block BIOS ROM.
s
Supports flash ROM.
s
Supports ISA hidden refresh.
s
Buffered DMA & ISA master cycles to reduce
bandwidth utilization of the PCI and Host
bus.
s
Local Bus interface
s
Multiplexed with ISA/DMA interface.
s
Low latency asynchronous bus
s
16-bit data bus with word steering capability.
s
Programmable timing (Host clock granularity)
s
4 Programmable Flash Chip Select.
s
8 Programmable I/O Chip Select.
s
I/O device timing (setup & recovery time)
programmable
s
Supports 32-bit Flash burst.
s
2-level hardware key protection for Flash boot
block protection.
s
Supports 2 banks of 32MB flash devices with
boot block shadowed to 0x000F0000.
s
Reallocatable Memory space Windows
s
EIDE Interface
s
Supports PIO
s
Transfer Rates to 22 MBytes/sec
s
Supports up to 4 IDE devices
s
Concurrent channel operation (PIO modes) -
4 x 32-Bit Buffer FIFOs per channel
s
Support for PIO mode 3 & 4.
s
Individual drive timing for all four IDE devices
s
Supports both legacy & native IDE modes
s
Supports hard drives larger than 528MB
s
Support for CD-ROM and tape peripherals
s
Backward compatibility with IDE (ATA-1).
s
Integrated Peripheral Controller
s
2X8237/AT compatible 7-channel DMA
controller.
s
2X8259/AT compatible interrupt Controller.
16 interrupt inputs - ISA and PCI.
s
Three 8254 compatible Timer/Counters.
s
Co-processor error support logic.
s
Supports external RTC (Not in Local Bus
Mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com