Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 46 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 42Page - STMicroelectronics STPCATLAS Datasheet HTML 43Page - STMicroelectronics STPCATLAS Datasheet HTML 44Page - STMicroelectronics STPCATLAS Datasheet HTML 45Page - STMicroelectronics STPCATLAS Datasheet HTML 46Page - STMicroelectronics STPCATLAS Datasheet HTML 47Page - STMicroelectronics STPCATLAS Datasheet HTML 48Page - STMicroelectronics STPCATLAS Datasheet HTML 49Page - STMicroelectronics STPCATLAS Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 111 page
background image
ELECTRICAL SPECIFICATIONS
46/111
Issue 1.0 - July 24, 2002
4.5. AC CHARACTERISTICS
This section lists the AC characteristics of the
STPC interfaces including output delays, input
setup requirements, input hold requirements and
output float delays. These measurements are
based on the measurement points identified in
Figure 4-1 and Figure 4-2. The rising clock edge
reference level VREF and other reference levels
are shown in Table 4-9 below. Input or output
signals must cross these levels during testing.
Figure 4-1 shows output delay (A and B) and input
setup and hold times (C and D). Input setup and
hold times (C and D) are specified minimums,
defining the smallest acceptable sampling window
a synchronous input signal must be stable for
correct operation.
Note: Refer to Figure 4-1.
Table 4-9. Drive Level and Measurement Points for Switching Characteristics
Symbol
Value
Units
VREF
1.5
V
VIHD
2.5
V
VILD
0.0
V
Figure 4-1. Drive Level and Measurement Points for Switching Characteristics
CLK:
VRef
VILD
VIHD
Tx
LEGEND:
A - Maximum Output Delay Specification
B - Minimum Output Delay Specification
C - Minimum Input Setup Specification
D - Minimum Input Hold Specification
VRef
Valid
Valid
Valid
OUTPUTS:
INPUTS:
Output n
Output n+1
Input
MAX
MIN
A
B
CD
VRef
VILD
VIHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com