Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 4 Page - STMicroelectronics

  STPCATLAS Datasheet HTML 1Page - STMicroelectronics STPCATLAS Datasheet HTML 2Page - STMicroelectronics STPCATLAS Datasheet HTML 3Page - STMicroelectronics STPCATLAS Datasheet HTML 4Page - STMicroelectronics STPCATLAS Datasheet HTML 5Page - STMicroelectronics STPCATLAS Datasheet HTML 6Page - STMicroelectronics STPCATLAS Datasheet HTML 7Page - STMicroelectronics STPCATLAS Datasheet HTML 8Page - STMicroelectronics STPCATLAS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 111 page
background image
STPC
® ATLAS
4/111
Issue 1.0 - July 24, 2002
s
PCMCIA interface
s
Support one PCMCIA 68-pin standard PC
Card Socket.
s
Power Management support.
s
Support PCMCIA/ATA specifications.
s
Support
I/O
PC
Card
with
pulse-mode
interrupts.
s
USB Interface
s
USB 1.1 compatible.
s
Open HCI 1.0 compliant.
s
User configurable RootHub.
s
Support for both LowSpeed and HighSpeed
USB devices.
s
No bi-directionnal or Tri-state busses.
s
No level sensitive latches.
s
System Management Interrupt pin support
s
Hooks for legacy device support.
s
Keyboard interface
s
Fully PC/AT+ compatible
s
Mouse interface
s
Fully PS/2 compatible
s
Serial interface
s
15540 compatible
s
Programmable word length, stop bits, parity.
s
16-bit programmable baud rate generator.
s
Interrupt generator.
s
Loop-back mode.
s
8-bit scratch register.
s
Two 16-bit FIFOs.
s
Two DMA handshake lines.
Parallel port
s
All IEEE Standard 1284 protocols supported:
Compatibility, Nibble, Byte, EPP, and ECP
modes.
s
16 bytes FIFO for ECP.
s
Power Management
s
Four power saving modes: On, Doze,
Standby, Suspend.
s
Programmable system activity detector
s
Supports Intel & Cyrix SMM and APM.
s
Supports STOPCLK.
s
Supports IO trap & restart.
s
Independent peripheral time-out timer to
monitor hard disk, serial & parallel port.
s
128K SM_RAM address space from
0xA0000 to 0xB0000
s
JTAG
s
Boundary Scan compatible IEEE1149.1.
s
Scan Chain control.
s
Bypass register compatible IEEE1149.1.
s
ID register compatible IEEE1149.1.
s
RAM BIST control.
.
ExCA is a trademark of PCMCIA / JEIDA.
PanelLink is a trademark of SiliconImage, Inc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com