Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 67 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 63Page - STMicroelectronics STPCATLAS Datasheet HTML 64Page - STMicroelectronics STPCATLAS Datasheet HTML 65Page - STMicroelectronics STPCATLAS Datasheet HTML 66Page - STMicroelectronics STPCATLAS Datasheet HTML 67Page - STMicroelectronics STPCATLAS Datasheet HTML 68Page - STMicroelectronics STPCATLAS Datasheet HTML 69Page - STMicroelectronics STPCATLAS Datasheet HTML 70Page - STMicroelectronics STPCATLAS Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 111 page
background image
ELECTRICAL SPECIFICATIONS
Issue 1.0 - July 24, 2002
67/111
4.5.16 JTAG INTERFACE
Figure
4-15
and
Table
4-21
list
the
AC
characteristics of the JTAG interface.
Figure 4-15. JTAG timing diagram
Table 4-25. JTAG AC Timings
Name
Parameter
Min
Max
Unit
Treset
TRST pulse width
1
Tcycle
Tcycle
TCLK period
400
ns
TCLK rising time
20
ns
TCLK falling time
20
ns
Tjset
TMS setup time
200
ns
Tjhld
TMS hold time
200
ns
Tjset
TDI setup time
200
ns
Tjhld
TDI hold time
200
ns
Tjout
TCLK to TDO valid
30
ns
Tpset
STPC pin setup time
30
ns
Tphld
STPC pin hold time
30
ns
Tpout
TCLK to STPC pin valid
30
ns
TCK
STPC.input
TRST
Treset
Tcycle
STPC.output
TMS,TDI
TDO
Tjset
Tjhld
Tjout
Tpset
Tphld
Tpout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com