Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 76 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 72Page - STMicroelectronics STPCATLAS Datasheet HTML 73Page - STMicroelectronics STPCATLAS Datasheet HTML 74Page - STMicroelectronics STPCATLAS Datasheet HTML 75Page - STMicroelectronics STPCATLAS Datasheet HTML 76Page - STMicroelectronics STPCATLAS Datasheet HTML 77Page - STMicroelectronics STPCATLAS Datasheet HTML 78Page - STMicroelectronics STPCATLAS Datasheet HTML 79Page - STMicroelectronics STPCATLAS Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 111 page
background image
DESIGN GUIDELINES
76/111
Issue 1.0 - July 24, 2002
6.1.2. INTERNET TERMINAL
The internet terminal described here is an
optimized implementation where the STPC Atlas
board is integrated into the CRT itself. The
advantages are a reduced overall cost and a good
image definition.
The STPC Atlas platform being integrated into the
monitor itself enables the choice of a limited
amount of horizontal frequencies and simplifies
the CRT driving stage:
- 1024x768: 56.5KHz horizontal, 70Hz vertical
- 800x600:
53.7KHz horizontal, 85Hz vertical
Like for the Thin-Client, an external MPEG
decoder can be connected to the STPC Atlas
through the PCI bus and the Video Input Port.
The same concept can be applied using a TFT
display instead of a CRT.
Figure 6-2. Internet Terminal - Block Diagram
H
R,G,B
TDA9535
3
3
3
VBOOSTER
YOKE
YOKE
TILT
DC
RESTORING
QUAD
DAC
3
3
STPC
E2
PROM
STV2001
R,G,B
HSYNC
VSYNC
ATLAS
I2C
KEY-
KEY+
SEL
GPIOs
SDRAM
64
FLASH
MODEM
AUDIO
Kbd / Mouse
USB
IEEE1284
16
PCI
IDE / PCI
RS232
SmartCard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com