Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 78 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 74Page - STMicroelectronics STPCATLAS Datasheet HTML 75Page - STMicroelectronics STPCATLAS Datasheet HTML 76Page - STMicroelectronics STPCATLAS Datasheet HTML 77Page - STMicroelectronics STPCATLAS Datasheet HTML 78Page - STMicroelectronics STPCATLAS Datasheet HTML 79Page - STMicroelectronics STPCATLAS Datasheet HTML 80Page - STMicroelectronics STPCATLAS Datasheet HTML 81Page - STMicroelectronics STPCATLAS Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 111 page
background image
DESIGN GUIDELINES
78/111
Issue 1.0 - July 24, 2002
6.3.1. POWER DECOUPLING
An appropriate decoupling of the various STPC
power pins is mandatory for optimum behaviour.
When insufficient, the integrity of the signals is
deteriorated, the stability of the system is reduced
and EMC is increased.
6.3.1.1. PLL decoupling
This is the most important as the STPC clocks are
generated from a single 14MHz stage using
multiple PLLs which are highly sensitive analog
cells. The frequencies to filter are the 25-50 KHz
range which correspond to the internal loop
bandwidth of the PLL and the 10 to 100 MHz
frequency of the output. PLL power pins can be
tied together to simplify the board layout.
6.3.1.2. Decoupling of 3.3V and Vcore
A power plane for each of these supplies with one
decoupling capacitance for each power pin is the
minimum. The use of multiple capacitances with
values in decade is the best (for example: 10pF,
1nF, 100nF, 10uF), the smallest value, the closest
to the power pin. Connecting the various digital
power planes through capacitances will reduce
furthermore the overall impedance and electrical
noise.
6.3.2. 14MHZ OSCILLATOR STAGE
The 14.31818 MHz oscillator stage can be
implemented
using
a
quartz,
which
is
the
preferred and cheaper solution, or using an
external 3.3V oscillator.
The crystal must be used in its series-cut
fundamental mode and not in overtone mode. It
must have an Equivalent Series Resistance (ESR,
sometimes referred to as Rm) of less than 50
Ohms (typically 8 Ohms) and a shunt capacitance
(Co) of less than 7 pF. The balance capacitors of
16 pF must be added, one connected to each pin,
as described in Figure 6-4.
In the event of an external oscillator providing the
master clock signal to the STPC Atlas device, the
LVTTL signal should be connected to XTALI, as
described in Figure 6-4.
As this clock is the reference for all the other on-
chip
generated
clocks,
it
is
strongly
recommended to shield this stage, including
the 2 wires going to the STPC balls, in order to
reduce the jitter to the minimum and reach the
optimum system stability.
Figure 6-3. PLL decoupling
VDD_PLL
VSS_PLL
PWR
100nF 47uF
GND
Connections must be as short as possible
Figure 6-4. 14.31818 MHz stage
15pF
15pF
XTALO
XTALI
XTALO
XTALI
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com