Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 88 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 84Page - STMicroelectronics STPCATLAS Datasheet HTML 85Page - STMicroelectronics STPCATLAS Datasheet HTML 86Page - STMicroelectronics STPCATLAS Datasheet HTML 87Page - STMicroelectronics STPCATLAS Datasheet HTML 88Page - STMicroelectronics STPCATLAS Datasheet HTML 89Page - STMicroelectronics STPCATLAS Datasheet HTML 90Page - STMicroelectronics STPCATLAS Datasheet HTML 91Page - STMicroelectronics STPCATLAS Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 111 page
background image
DESIGN GUIDELINES
88/111
Issue 1.0 - July 24, 2002
6.3.10. USB INTERFACE
The STPC integrates a USB host interface with a
2-port Hub. The only external device needed are
the ESD protection circuits USBDF01W5 and a
USB
power
supply
controller.
Figure
6-16
describes a typical implementation using these
devices.
Figure 6-16. Typical USB implementation
Note 1; The ESD protection will be adequate for most applications. In some instances, problems may occur if the devices on the
USB chain do not have enough power to drive the signals adequately. We therefore recommend that you replace the part with de-
screte components and reduce the value of the capacitor.
POWERON
STPC
TPS2014
OC
USBDMNS[0]
USBDPLS[0]
USBDMNS[1]
USBDPLS[1]
5V
Connector
GND
9
10
11
12
1
2
6
7
3
4
8
5
100nF 2x 47uF
5
4
6,7,8
5V
2,3
1
USBVCC
100nF
5V
TPS2014
Power Decoupling
R = 15 Ohm1
R = 15 Ohm1
R = 15 Ohm
1
R = 15 Ohm1
USBDF02W5
(Note1)
3
1
2
4
5
USBDF02W5
(Note1)
3
1
2
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com