Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 93 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 89Page - STMicroelectronics STPCATLAS Datasheet HTML 90Page - STMicroelectronics STPCATLAS Datasheet HTML 91Page - STMicroelectronics STPCATLAS Datasheet HTML 92Page - STMicroelectronics STPCATLAS Datasheet HTML 93Page - STMicroelectronics STPCATLAS Datasheet HTML 94Page - STMicroelectronics STPCATLAS Datasheet HTML 95Page - STMicroelectronics STPCATLAS Datasheet HTML 96Page - STMicroelectronics STPCATLAS Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 111 page
background image
DESIGN GUIDELINES
Issue 1.0 - July 24, 2002
93/111
6.4.3. MEMORY INTERFACE
6.4.3.1. Introduction
In order to achieve SDRAM memory interfaces
which work at clock frequencies of 90 MHz and
above, careful consideration has to be given to the
timing of the interface with all the various electrical
and physical constraints taken into consideration.
The guidelines described below are related to
SDRAM components on DIMM modules. For
applications where the memories are directly
soldered to the motherboard, the PCB should be
laid out such that the trace lengths fit within the
constraints shown here. The traces could be
slightly shorter since the extra routing on the
DIMM PCB is no longer present but it is then up to
the user to verify the timings.
6.4.3.2. SDRAM Clocking Scheme
The SDRAM Clocking Scheme deserves a special
mention here. Basically the memory clock is
generated on-chip through a PLL and goes
directly to the MCLKO output pin of the STPC. The
nominal frequency is 90 MHz. Because of the high
load presented to the MCLK on the board by the
DIMMs it is recommended to rebuffer the MCLKO
signal on the board and balance the skew to the
clock ports of the different DIMMs and the MCLKI
input pin of STPC.
6.4.3.3. Board Layout Issues
The physical layout of the motherboard PCB
assumed in this presentation is as shown in Figure
6-22. Because all of the memory interface signal
balls are located in the same region of the STPC
device, it is possible to orientate the device to
reduce the trace lengths. The worst case routing
length to the DIMM1 is estimated to be 100 mm.
Solid power and ground planes are a must in order
to provide good return paths for the signals and to
reduce EMI and noise. Also there should be ample
high frequency decoupling between the power
and ground planes to provide a low impedance
path between the planes for the return paths for
signal routings which change layers. If possible,
the traces should be routed adjacent to the same
power or ground plane for the length of the trace.
For the SDRAM interface, the most critical signal
is the clock. Any skew between the clocks at the
SDRAM components and the memory controller
will impact the timing budget. In order to get well
matched
clocks
at
all
components
it
is
recommended that all the DIMM clock pins, STPC
Figure 6-21. Clock Scheme
MCLKI
MCLKO
PLL
PLL
MA[ ] + Control
MD[63:0]
SDRAM
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com