Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 48 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 44Page - STMicroelectronics STPCATLAS Datasheet HTML 45Page - STMicroelectronics STPCATLAS Datasheet HTML 46Page - STMicroelectronics STPCATLAS Datasheet HTML 47Page - STMicroelectronics STPCATLAS Datasheet HTML 48Page - STMicroelectronics STPCATLAS Datasheet HTML 49Page - STMicroelectronics STPCATLAS Datasheet HTML 50Page - STMicroelectronics STPCATLAS Datasheet HTML 51Page - STMicroelectronics STPCATLAS Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 111 page
background image
ELECTRICAL SPECIFICATIONS
48/111
Issue 1.0 - July 24, 2002
4.5.1. POWER ON SEQUENCE
Figure 4-3 describes the power-on sequence of
the STPC, also called cold reset.
There is no dependency between the different
power supplies and there is no constraint on their
rising time.
SYSRSTI# as no constraint on its rising edge but
must stay active until power supplies are all within
specifications,
a
margin
of
10
µs is even
recommended to let the STPC PLLs and strap
options stabilize.
Strap Options are continuously sampled during
SYSRSTI# low and must remain stable. Once
SYSRSTI# is high, they MUST NOT CHANGE
until SYSRSTO# goes high.
Bus activity starts only few clock cycles after the
release of SYSRSTO#. The toggling signals
depend on the STPC configuration.
In ISA mode, activity is visible on PCI prior to the
ISA bus as the controller is part of the south
bridge.
In Local Bus mode, the PCI bus is not accessed
and the Flash Chip Select is the control signal to
monitor.
Figure 4-3. Power-on timing diagram
S trap O ptions
Power Supplies
SYSRSTI#
SYSRSTO #
14 M H z
1.6 V
VALID CONFIG URATION
> 10 us
HCLK
PC I_C LK
2.3 m s
ISA C LK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com