Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 36 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 32Page - STMicroelectronics STPCATLAS Datasheet HTML 33Page - STMicroelectronics STPCATLAS Datasheet HTML 34Page - STMicroelectronics STPCATLAS Datasheet HTML 35Page - STMicroelectronics STPCATLAS Datasheet HTML 36Page - STMicroelectronics STPCATLAS Datasheet HTML 37Page - STMicroelectronics STPCATLAS Datasheet HTML 38Page - STMicroelectronics STPCATLAS Datasheet HTML 39Page - STMicroelectronics STPCATLAS Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 111 page
background image
STRAP OPTION
36/111
Issue 1.0 - July 24, 2002
3.1.2. STRAP REGISTER 1
This register is read only.
STRAP1
Access = 0022h/0023h
Regoffset =04Bh
76
543210
MD[40]
MD[14]
RSV
RSV
RSV
RSV
RSV
MD[36]
This register defaults to the values sampled on the MD pins after reset
Bit Number Sampled
Mnemonic
Description
Bits 7-6
MD[40] & MD[14]
CPU Clock Multiplication (486 mode):
MD14 MD40
1
0
X 1
1
1
X 2
All other settings are reserved
HCLK maximum speed is 66MHz and in CPU mode X2.
Operation in X1 mode is only guaranteed up to 66MHz.
Bits 5-1
Rsv
Reserved
Bit 0
MD[36]
These bits reflect the values sampled on MD[36] and determines the
Local Bus Boot device width:
0: 8-bit Boot Device
1: 16-bit Boot Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com