Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 49 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 49 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 45Page - STMicroelectronics STPCATLAS Datasheet HTML 46Page - STMicroelectronics STPCATLAS Datasheet HTML 47Page - STMicroelectronics STPCATLAS Datasheet HTML 48Page - STMicroelectronics STPCATLAS Datasheet HTML 49Page - STMicroelectronics STPCATLAS Datasheet HTML 50Page - STMicroelectronics STPCATLAS Datasheet HTML 51Page - STMicroelectronics STPCATLAS Datasheet HTML 52Page - STMicroelectronics STPCATLAS Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 111 page
background image
ELECTRICAL SPECIFICATIONS
Issue 1.0 - July 24, 2002
49/111
4.5.2 RESET SEQUENCE
Figure 4-4 describes the reset sequence of the
STPC, also called warm reset.
The constraints on the strap options and the bus
activities are the same as for the cold reset.
The SYSRSTI# pulse duration must be long
enough to have all the strap options stabilized and
must be adjusted depending on resistor values.
It is mandatory to have a clean reset pulse without
glitches as the STPC could then sample invalid
strap option setting and enter into an umpredicta-
ble mode.
While SYSRSTI# is active, the PCI clock PLL runs
in open loop mode at a speed of few 100’s KHz.
Figure 4-4. Reset timing diagram
S trap O ptions
SYSRSTI#
SYSRSTO #
14 M Hz
VA LID CONFIG URATIO N
HCLK
PCI_CLK
2.3 m s
IS AC LK
1.6 V
MD[63:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com