Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 44 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 40Page - STMicroelectronics STPCATLAS Datasheet HTML 41Page - STMicroelectronics STPCATLAS Datasheet HTML 42Page - STMicroelectronics STPCATLAS Datasheet HTML 43Page - STMicroelectronics STPCATLAS Datasheet HTML 44Page - STMicroelectronics STPCATLAS Datasheet HTML 45Page - STMicroelectronics STPCATLAS Datasheet HTML 46Page - STMicroelectronics STPCATLAS Datasheet HTML 47Page - STMicroelectronics STPCATLAS Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 111 page
background image
ELECTRICAL SPECIFICATIONS
44/111
Issue 1.0 - July 24, 2002
4.4. DC CHARACTERISTICS
Table 4-2. DC Characteristics
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VDD
3.3V Operating Voltage
3.0
3.3
3.6
V
VCORE 2.5V Operating Voltage
2.45
2.5
2.7
V
PDD
3.3V Supply Power
3.0V < VDD < 3.6V
0.24
W
PCORE 2.5V Supply Power
1
2.45V < VCORE < 2.7V
4.1
W
VIL
Input Low Voltage
Except XTALI
-0.3
0.8
V
XTALI
-0.3
0.8
V
VIH
Input High Voltage
Except XTALI
2.1
VDD+0.3
V
XTALI
2.35
VDD+0.3
V
ILK
Input Leakage Current
Input, I/O
-5
5
µA
Integrated Pull up/down
50
K
Note 1; Power consumption is heavily dependant on the clock frequencies and on the enabled features. See details in
Table 4-5 to Table 4-8.
Table 4-3. PAD buffers DC Characteristics
Buffer Type
I/O
count
VIH min
(V)
VIL max
(V)
VOH min
(V)
VOL max
(V)
IOL min
(mA)
IOH max
(mA)
Cload max
(pF)
Derating
(ps/pF)1
CIN
(pF)
ANA
10
2.35
0.9
-
-
-
-
-
-
-
OSCI13B
2
2.1
0.8
2.4
0.4
2
- 2
50
-
-
BT4CRP
1
-
-
0.85*VDD
0.4
4
- 4
100
30
5.61
BT8TRP_TC
7
-
-
2.4
0.4
8
- 8
200
21
6.89
BD4STRP_FT
64
2
0.8
2.4
0.4
4
- 4
100
42
5.97
BD4STRUP_FT
14
2
0.8
2.4
0.4
4
- 4
100
41
5.97
BD4STRP_TC
26
2
0.8
2.4
0.4
4
- 4
100
42
5.83
BD8STRP_FT
30
2
0.8
2.4
0.4
8
- 8
200
23
5.96
BD8STRUP_FT
47
2
0.8
2.4
0.4
8
- 8
200
23
5.96
BD8STRP_TC
12
2
0.8
2.4
0.4
8
- 8
200
21
7.02
BD8TRP_TC
53
2
0.8
2.4
0.4
8
- 8
200
21
7.03
BD8PCIARP_FT
50
0.5*VDD 0.3*VDD 0.9*VDD
0.1*VDD
1.5
- 0.5
200
15
6.97
BD14STARP_FT
18
2
0.8
2.4
0.4
14
-14
100
71
6.20
BD16STARUQP_TC
19
2
0.8
2.4
0.4
16
-16
400
12
9.34
SCHMITT_FT
1
2
0.8
-
-
-
-
-
-
5.97
TLCHT_FT
16
2
0.8
-
-
-
-
-
-
5.97
TLCHT_TC
1
2
0.8
-
-
-
-
-
-
5.97
TLCHTD_TC
1
2
0.8
-
-
-
-
-
-
5.97
TLCHTU_TC
1
2
0.8
-
-
-
-
-
-
5.97
USBDS_2V5 (slow)
4
2
0.8
2.4
0.4
-
-
100
45.2
8.41
USBDS_2V5 (fast)
98.8
Note 1: time to output variation depending on the capacitive load.
Table 4-4. RAMDAC DC Specification
Symbol
Parameter
Min
Max
Vref_dac
Voltage Reference
1.00 V
1.24 V
INL
Integrated Non Linear Error
-
3 LSB
DNL
Differentiated Non Linear Error
-
1 LSB
BLC
Black Level Current
1.0 mA
2.0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com