Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 14Page - STMicroelectronics STPCATLAS Datasheet HTML 15Page - STMicroelectronics STPCATLAS Datasheet HTML 16Page - STMicroelectronics STPCATLAS Datasheet HTML 17Page - STMicroelectronics STPCATLAS Datasheet HTML 18Page - STMicroelectronics STPCATLAS Datasheet HTML 19Page - STMicroelectronics STPCATLAS Datasheet HTML 20Page - STMicroelectronics STPCATLAS Datasheet HTML 21Page - STMicroelectronics STPCATLAS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 111 page
background image
PIN DESCRIPTION
18/111
Issue 1.0 - July 24, 2002
GPIO SIGNALS
GPIO[15:0]
I/O BD4STRP_FT
General Purpose IOs
16
JTAG
TCLK
I
TLCHT_FT
Test Clock
1
TRST
I
TLCHT_FT
Test Reset
1
TDI
I
TLCHTD_FT
Test Data Input
TMS
I
TLCHT_FT
Test Mode Set
1
TDO
O BT8TRP_TC
Test Data output
1
MISCELLANEOUS
SCAN_ENABLE
I
TLCHTD_FT
Test Pin - Reserved
1
SPKRD
O BD4STRP_FT
Speaker Device Output
1
Table 2-2. Definition of Signal Pins
Signal Name
Dir
Buffer Type1
Description
Qty
Note1; See Table 2-3 for buffer type descriptions
Table 2-3. Buffer Type Descriptions
Buffer
Description
ANA
Analog pad buffer
OSCI13B
Oscillator, 13 MHz, HCMOS
BT4CRP
LVTTL Output, 4 mA drive capability, Tri-State Control
BT8TRP_TC
LVTTL Output, 8 mA drive capability, Tri-State Control, Schmitt trigger
BD4STRP_FT
LVTTL Bi-Directional, 4 mA drive capability, Schmitt trigger, 5V tolerant
BD4STRUP_FT
LVTTL Bi-Directional, 4 mA drive capability, Schmitt trigger, Pull-Up, 5V tolerant
BD4STRP_TC
LVTTL Bi-Directional, 4 mA drive capability, Schmitt trigger
BD8STRP_FT
LVTTL Bi-Directional, 8 mA drive capability, Schmitt trigger, 5V tolerant
BD8STRUP_FT
LVTTL Bi-Directional, 8 mA drive capability, Schmitt trigger, Pull-Up, 5V tolerant
BD8STRP_TC
LVTTL Bi-Directional, 8 mA drive capability, Schmitt trigger
BD8TRP_TC
LVTTL Bi-Directional, 8 mA drive capability, Schmitt trigger
BD8PCIARP_FT
LVTTL Bi-Directional, 8 mA drive capability, PCI compatible, 5V tolerant
BD14STARP_FT
LVTTL Bi-Directional, 14 mA drive capability, Schmitt trigger, IEEE1284 compliant, 5V tolerant
BD16STARUQP_TC
LVTTL Bi-Directional, 16 mA drive capability, Schmitt trigger
SCHMITT_FT
LVTTL Input, Schmitt trigger, 5V tolerant
TLCHT_FT
LVTTL Input, 5V tolerant
TLCHT_TC
LVTTL Input
TLCHTD_TC
LVTTL Input, Pull-Down
TLCHTU_TC
LVTTL Input, Pull-Up
USBDS_2V5
USB 1.1 compliant pad buffer
VDDCO
Analog output pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com