Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPCATLAS Datasheet(PDF) 106 Page - STMicroelectronics

Part # STPCATLAS
Description  X86 Core PC Compatible System-on-Chip for Terminals
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPCATLAS Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STPCATLAS Datasheet HTML 102Page - STMicroelectronics STPCATLAS Datasheet HTML 103Page - STMicroelectronics STPCATLAS Datasheet HTML 104Page - STMicroelectronics STPCATLAS Datasheet HTML 105Page - STMicroelectronics STPCATLAS Datasheet HTML 106Page - STMicroelectronics STPCATLAS Datasheet HTML 107Page - STMicroelectronics STPCATLAS Datasheet HTML 108Page - STMicroelectronics STPCATLAS Datasheet HTML 109Page - STMicroelectronics STPCATLAS Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 111 page
background image
DESIGN GUIDELINES
106/111
Issue 1.0 - July 24, 2002
6.5.3.2. Boot Flash size
The ISA bus supports 8-bit and 16-bit memory
devices. In case of a 16-bit boot flash, the signal
MEMCS16#
must
be
activated
during
RMRTCCS# cycle to inform the ISA controller of a
16-bit device.
6.5.3.3. POST code
Once the 16 first bytes are fetched and decoded,
the CPU core continue its execution depending on
the content of these first data. Usually, it
corresponds to a JUMP instruction and the code
fetching continues, generating read cycles on the
ISA bus.
Most of the BIOS and boot loaders are reading the
content of the flash, decompressing it in SDRAM,
and then continue the execution by jumping to the
entry point in RAM. This boot process ends with a
JUMP to the entry point of the OS launcher.
These various steps of the booting sequence are
codified by the so-called POST codes (Power-On
Self-Test). A 8-bit code is written to the port 80H at
the beginning of each stage of the booting process
(I/O write to address 0080H) and can be displayed
on two 7-segment display, enabling a fast visual
check of the booting completion level.
Usually, the last POST code is 0x00 and
corresponds to the jump into the OS launcher.
When the execution fails or hangs, the lastest
written
code
stays
visible
on
that
display,
indicating either the piece of code to analyse,
either the area of the hardware not working
properly.
6.5.4. LOCAL BUS MODE
As the Local Bus controller is located into the Host
interface, there is no access to the cycles on the
PCI, reducing the amount of signals to check.
6.5.4.1. First code fetches
When booting on the Local Bus, the key signal to
check at the very beginning is FCS0#. This signal
is a Chip Select for the boot flash and should
toggle together with PRD# to fetch the first 16
bytes of code. This corresponds to the loading of
the first line of the CPU cache.
In case FCS0# does not toggle, then one of the
previous steps has not been done properly, like
HCLK speed and CPU clock multiplier (x1, x2).
6.5.4.2. Boot Flash size
The Local Bus support 16-bit boot memory
devices only.
6.5.4.3. POST code
Like
in
ISA
mode,
POST
codes
can
be
implemented on the Local Bus. The difference is
that an IOCS# must be programmed at I/O
address 80H prior to writing these code, the POST
display being connected to this IOCS# and to the
lower 8 bits of the bus.
6.5.5. SUMMARY
Here is a check-list for the STPC board debug
from power-on to CPU execution.
For each step, in case of failure, verify first the
corresponding balls of the STPC:
- check if the voltage or activity is correct
- search for potential shortcuts.
For troubleshooting in steps 5 to 10, verify the
related strap options:
- value & connection. Refer to Section 3.
- see Figure 4-3 for timing constraints
Steps 8a and 9a are for debug in ISA mode while
steps 8b and 9b are for Local Bus mode.
6.5.6. PCMCIA MODE
As the STPC uses the RMRTCCS# signal for
booting in that mode, the methodology is the same
as for the ISA bus. The PCMCIA cards being 3.3V
or 5V, the boot flash device must be 5V tolerant
when directly connected on the address and data
busses. An other solution is to isolate the flash
from the PCMCIA lines using 5V tolerant LVTTL
buffers.
Check:
How?
Troubleshooting
1
Power
supplies
Verify that voltage is within specs:
- this must include HF & LF noise
- avoid full range sweep
Refer to Table 4-1 for values
Measure voltage near STPC balls:
- use very low GND connection.
Add some decoupling capacitor:
- the smallest, the nearest to STPC balls.
2
14.318 MHz
Verify OSC14M speed
The 2 capacitors used with the quartz must
match with the capacitance of the crystal.
Try other values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com