Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 248Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 249Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 250Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 251Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 252Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 253Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 254Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 255Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 252 of 269
M306V2ME-XXXFP, M306V2EEFP
Table 5.3.1 Electrical characteristics (referenced to VCC = 5 V, VSS = 0 V at Ta = 25 oC, f(XIN) = 10 MHz
unless otherwise specified)
5.3 Electrical Characteristics
HIGH POWER
LOW POWER
HIGHPOWER
LOWPOWER
Symbol
VOH
VOH
HIGH output
voltage
VOH
VOL
LOW output
voltage
LOW output
voltage
VOL
LOW output
voltage
VOL
Hysteresis
Hysteresis
Hysteresis
HIGH input
current
IIH
LOW input
current
IIL
HIGH output
voltage
HIGH output
voltage
VT+-VT-
VT+-VT-
VT+-VT-
Measuring condition
XOUT
XOUT
XIN
Parameter
IOH = –5 mA
IOH = –1 mA
IOH = –200
µA
IOH = –0.5 mA
IOL = 5 mA
IOL = 1 mA
IOL = 6.0 mA
IOL = 0.5 mA
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P63, P67, P72 to P77 ,
P82, P83, P86, P87, P90 to P94,
P100 to P107, R, G, B, OUT1,
OUT2
P00 to P07,P10 to P17,P20 to P27,
P30 to P37,P40 to P47,P50 to P57,
P60 to P63, P73 to P77,
P82, P83, P86, P87, P90 to P92,
P100 to P107, R, G, B, OUT1,
OUT2
P67, P70 to P72, P93, P94
P00 to P07,P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57
RESET
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P63, P67, P70 to P77,
P82, P83, P86, P87,
P90 to P94,P100 to P107,
XIN, RESET, CNVss, BYTE, OSC1
HOLD, RDY, TB0IN to TB2IN,
INT0, INT1, CTS0, CTS2,
CLK0, CLK2, SCL1 to SCL3,
SDA1 to SDA3, HSYNC, VSYNC,
HC0, HC1, RxD0
VI = 5 V
VI = 0 V
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P63, P67, P70 to P77,
P82, P83, P86, P87,
P90 to P94,P100 to P107,
XIN, RESET, CNVss, BYTE, OSC1
Standard
Typ.
Unit
V
V
4.7
V
3.0
3.0
V
2.0
0.6
V
V
2.0
2.0
0.2
0.8V
0.2
1.8
V
0.2
0.8
V
5.0
µA
k
Ω
Min.Max.
3.0
167.0
LOW output
voltage
VOL
IOL = 200
µA
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P53
0.45
V
f(XIN) = 10 MHz
Square wave,
no division
f(XCIN) = 32kHz
When a WAIT
instruction is
executed
f(XIN) = 10 MHz
Square wave,
division by 8
Pull-up resistor
RPULLUP
Icc
Power supply current
Ta=25
°C when
clock is stopped
Ta = 70
°C when
clock is stopped
In single-chip
mode, the
output pins
are open and
other pins are
VSS
VI = 0 V
P00 to P07, P10 to P17, P20 to P27,
P30 to P37, P40 to P47, P50 to P57,
P60 to P63, P67, P72 to P77, P82, P83,
P86, P87, P90 to P94, P100 to P107
3050
10
µA
10mA
µA
10
µA
mA
200
–5.0
7090
OSD ON, Data slicer ON
OSD OFF, Data slicer OFF
OSD OFF, Data slicer OFF
RBS
I2C-BUS • BUS switch connection resistor
(between SCL1 and SCL2, SDA1 and SDA2)
Vcc = 4.5 V
130
Ω
RfXIN
Feedback resistor XIN
1.0
M
Ω
RfXCIN
Feedback resistor XCIN
6.0
M
Ω
50.0
30.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com