Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 255 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 251Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 252Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 253Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 254Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 255Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 256Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 257Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 258Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 255 of 269
M306V2ME-XXXFP, M306V2EEFP
_______
Table 5.7.7 External interrupt INTi inputs (referenced to VCC = 5 V, VSS = 0 V at Ta = 25 oC unless
otherwise specified)
Table 5.7.3 Timer B input (counter input in event counter mode)
(referenced to VCC = 5 V, VSS = 0 V at Ta = 25 oC unless otherwise specified)
Table 5.7.4 Timer B input (pulse period measurement mode)
(referenced to VCC = 5 V, VSS = 0 V at Ta = 25 oC unless otherwise specified)
Table 5.7.5 Timer B input (pulse width measurement mode)
(referenced to VCC = 5 V, VSS = 0 V at Ta = 25 oC unless otherwise specified)
Table 5.7.6 Serial I/O (referenced to VCC = 5 V, VSS = 0 V at Ta = 25 oC unless otherwise specified)
Standard
Max.
Min.
ns
ns
tc(TB)
tw(TBH)
Symbol
Parameter
Unit
tw(TBL)
ns
TBiIN input HIGH pulse width
TBiIN input cycle time
TBiIN input LOW pulse width
400
200
200
Standard
Max.
Min.
ns
ns
tw(INH)
tw(INL)
Symbol
Parameter
Unit
INTi input LOW pulse width
INTi input HIGH pulse width
250
250
ns
ns
ns
ns
ns
ns
ns
Standard
Max.
Min.
CLKi input cycle time
CLKi input HIGH pulse width
CLKi input LOW pulse width
tc(CK)
tw(CKH)
tw(CKL)
Parameter
Symbol
Unit
td(C-Q)
tsu(D-C)
th(C-Q)
TxDi hold time
RxDi input setup time
TxDi output delay time
th(C-D)
RxDi input hold time
200
100
100
0
30
90
80
Standard
Max.
Min.
ns
ns
tc(TB)
Symbol
Parameter
Unit
tw(TBL)
ns
tw(TBH)
TBiIN input cycle time
TBiIN input HIGH pulse width
TBiIN input LOW pulse width
400
200
200
Standard
Max.
Min.
TBiIN input cycle time (counted on one edge)
TBiIN input HIGH pulse width (counted on one edge)
TBiIN input LOW pulse width (counted on one edge)
ns
ns
ns
tc(TB)
tw(TBH)
tw(TBL)
Parameter
Symbol
Unit
tc(TB)
tw(TBL)
tw(TBH)
ns
ns
ns
TBiIN input HIGH pulse width (counted on both edges)
TBiIN input LOW pulse width (counted on both edges)
TBiIN input cycle time (counted on both edges)
100
40
40
80
80
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com