Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 254 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 254 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 250Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 251Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 252Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 253Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 254Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 255Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 256Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 257Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 258Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 254 of 269
M306V2ME-XXXFP, M306V2EEFP
(Note)
(Note)
(Note)
40
30
0
0
40
0
Note: Calculated according to the BCLK frequency as follows:
40
Min.
Data input setup time
ns
tsu(DB-RD)
tsu(RDY-BCLK )
Parameter
Symbol
Unit
Max.
Standard
ns
RDY input setup time
Data input hold time
ns
th(RD-DB)
th(BCLK -RDY)
ns
RDY input hold time
ns
HOLD input setup time
tsu(HOLD-BCLK )
ns
HOLD input hold time
th(BCLK-HOLD )
Data input access time (no wait)
ns
tac1(RD-DB)
ns
ns
tac2(RD-DB)
tac3(RD-DB)
Data input access time (with wait)
Data input access time (when accessing multiplex bus area)
ns
td(BCLK-HLDA )
HLDA output delay time
tac1(RD – DB) =
f(BCLK) ✕ 2
– 45
10
9
[ns]
tac2(RD – DB) =
f(BCLK) ✕ 2
– 45
3 ✕ 10
9
[ns]
tac3(RD – DB) =
f(BCLK) ✕ 2
– 45
3 ✕ 10
9
[ns]
Table 5.7.2 Memory expansion and microprocessor modes (referenced to VCC = 5 V, VSS = 0 V at
Ta = 25 oC unless otherwise specified)
Table 5.7.1 External clock input (referenced to VCC = 5 V, VSS = 0 V at Ta = 25 oC unless otherwise
specified)
Max.
Min.
External clock input cycle time
External clock input HIGH pulse width
External clock input LOW pulse width
ns
ns
ns
tc
tw(H)
tw(L)
Parameter
Symbol
Unit
Standard
100
40
40
tr
tf
External clock rise time
External clock fall time
15
15
ns
ns
5.7 Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com