Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 249Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 250Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 251Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 252Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 253Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 254Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 255Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 256Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 253 of 269
M306V2ME-XXXFP, M306V2EEFP
Min.
Typ.
Max.
—
—
tsu
RO
Resolution
Absolute accuracy
Setup time
Output resistance
Reference power supply input current
Bits
%
k
Ω
mA
IVREF
10
1.5
8
3
Symbol
Parameter
Measuring condition
Unit
20
10
4
µs
(
Note)
Standard
5.4 A-D Conversion Characteristics
Table 5.4.1 A-D conversion characteristics (referenced to VCC = AVCC = 5V, VSS = 0 V at Ta = 25 oC,
f(XIN) = 10 MHz unless otherwise specified)
5.5 D-A Conversion Characteristics
Table 5.5.1 D-A conversion characteristics (referenced to VCC = 5V, VSS = 0V, at Ta = 25 oC, f(XIN) =
10 MHz unless otherwise specified)
Note: This applies when using one D-A converter, with the D-A register for the unused D-A converter set to “0016.”
The A-D converter’s ladder resistance is not included.
Also, when the Vref is unconnected at the A-D control register, IVREF is sent.
5.6 Analog R, G, B Output Characteristics
Table 5.6.1 Analog R, G, B output characteristics (VCC = 5V, VSS = 0V, at Ta = 25 oC, f(XIN) = 10 MHz
unless otherwise specified)
Standard
Min.
Typ. Max.
—
—
Resolution
Absolute
accuracy
Bits
LSB
VREF = VCC
±5
8
Symbol
Parameter
Measuring condition
Unit
VREF = VCC = 5 V
RLADDER
Ladder resistance
Reference voltage
Analog input voltage
k
Ω
V
VIA
VREF
V
0
10
VCC
VCC
40
Conversion time
µs
2.8
tCONV
tSAMP
Sampling time
0.3
µs
VREF = VCC
Sample & hold function not available
Sample & hold function available (8 bit)
VREF = VCC = 5 V
±5
LSB
Max.
Min.
Output impedance
Output deviation
k
Ω
V
ns
RO
VOE
TST
Parameter
Symbol
Unit
Standard
±0.5
50
2
Test conditions
Settling time
load capacity of 10 pF,
load resistance of 20 k
Ω,
70 % DC level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com