Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD151TS207SS Datasheet HTML 1Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 2Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 3Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 4Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 5Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 6Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 7Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 8Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 4 of 38
Pin Descriptions
Pin name
No.
Type
Description
VSS_A
54
Ground for PLL
VSS_CPU
45
Ground for outputs
VSS_IREF
53
Ground for current reference
VSS_SRC
39
VSS_3V66
25
VSS_PCI
11, 17
VSS_REF
6
VSS_48
33
Ground
Ground for outputs
VDD_A
55
3.3 V Power Supply for PLL
VDD_CPU
42, 48
VDD_SRC
36
VDD_3V66
24
VDD_PCI
10, 16
VDD_REF
3
VDD_48
34
Power
3.3 V Power Supply for outputs
REF0
1
REF1
2
OUTPUT
3.3 V 14.318 MHz reference clock.
XTAL_IN
4
INPUT
14.318 MHz XTAL input.
XTAL_OUT
5
OUTPUT
14.318 MHz XTAL output.
Don’t connect when an external clock is applied at XTAL_IN.
FS2/PCIF_[0:1]
7,8
INPUT/
OUTPUT
Frequency select latch input pin.
/Free running PCI clock 3.3 V output.
PCIF_2
9
OUTPUT
Free running PCI clock 3.3 V output.
**MODE/PCI_0
12
INPUT/
OUTPUT
Function select latch input pin for pin 22,
1 = Reset#, 0 = clock output.
/PCI clock 3.3 V output.
PCI_[1:3]
13,14,
15
OUTPUT
PCI clock 3.3 V outputs.
**SEL100_200/
PCI_4
18
INPUT/
OUTPUT
Latched select input for SRC output.
1 = 200 MHz, 0 = 100 MHz
/PCI clock 3.3 V output.
**SEL33_25/PCI_5
19
INPUT/
OUTPUT
Latched select input for PCI5 output.
1 = 25 MHz, 0 = 33 MHz
/PCI clock 3.3 V output.
PCI_6
20
OUTPUT
PCI clock 3.3 V outputs.
Note:
(*):
Those pins are 150 k
Ω internal pulled-UP.
(**):
Those pins are 150 k
Ω internal pulled-DOWN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com