Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD151TS207SS Datasheet HTML 1Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 2Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 3Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 4Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 5Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 6Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 7Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 8Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Rev.1.00, Apr.25.2003, page 1 of 38
HD151TS207SS
Mother Board Clock Generator
for Intel P4+ Chipset (Springdale)
REJ03D0006-0100Z
Preliminary
Rev.1.00
Apr.25.2003
Description
The HD151TS207SS is Intel CK409T type high-performance, low-skew, low-jitter, PC motherboard clock
generator. It is specifically designed for Intel Pentium®4+ chipset.
Features
• 3 differential pairs of current mode control CPU clocks
• 1 differential pair of Serial Reference Clock (SRC), selectable 100 MHz/200 MHz
• 6 copies PCI clocks and 3 copies PCIF clocks @3.3V, 33.3 MHz
• 1 copy PCI clock @3.3 V, selectable 33.3 MHz/25 MHz
• 1 copy USB clock @3.3 V, selectable 48 MHz/24 MHz
• 1 copy DOT clock @3.3 V, 48 MHz
• 4 copies of 3V66 clocks @3.3 V, 66.6 MHz
• 1 copy of 3V66/VCH clock @3.3 V, selectable 66.6 MHz/48 MHz
• 2 copies of REF clocks @3.3 V, 14.318 MHz
• Power save and clock stop function
• I2CTM serial port programming
• Programmable Clock Control (Spread Spectrum Percentage, Clock Output Skew, Slew Rate)
• Watchdog timer and reset output
• 56pin SSOP (300 mils)
Note:
I
2C is a trademark of Philips Corporation.
Pentium is registered trademark of Intel Corporation


Similar Part No. - HD151TS207SS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD151TS201AT RENESAS-HD151TS201AT Datasheet
181Kb / 29P
Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
HD151TS201ATEL RENESAS-HD151TS201ATEL Datasheet
181Kb / 29P
Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
HD151TS206SS RENESAS-HD151TS206SS Datasheet
193Kb / 34P
Mother Board Clock Generator for Intel P4 Chipset (Springdale)
More results

Similar Description - HD151TS207SS

ManufacturerPart #DatasheetDescription
logo
Winbond
W83194BR-648 WINBOND-W83194BR-648 Datasheet
336Kb / 26P
CLOCK GENERATOR FOR SIS P4 SERIES CHIPSET
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
Winbond Clock Generator For INTEL P4 Springdale Series Chipset
logo
SpectraLinear Inc
CY28410 SPECTRALINEAR-CY28410 Datasheet
219Kb / 17P
Clock Generator for Intel Grantsdale Chipset
CY28435 SPECTRALINEAR-CY28435 Datasheet
200Kb / 22P
Clock Generator for Intel Grantsdale Chipset
CY28437 SPECTRALINEAR-CY28437 Datasheet
194Kb / 22P
Clock Generator for Intel Grantsdale Chipset
CY28439 SPECTRALINEAR-CY28439 Datasheet
192Kb / 21P
Clock Generator for Intel Grantsdale Chipset
CY28439-2 SPECTRALINEAR-CY28439-2 Datasheet
192Kb / 21P
Clock Generator for Intel Grantsdale Chipset
logo
Renesas Technology Corp
HD151TS201AT RENESAS-HD151TS201AT Datasheet
181Kb / 29P
Mother Board Clock Generator for Intel P4 Chipset Banias and Dothan processor / ODEM and MONTARA-GM chip set
HD151TS206SS RENESAS-HD151TS206SS Datasheet
193Kb / 34P
Mother Board Clock Generator for Intel P4 Chipset (Springdale)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com