Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 25Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 26Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 27Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 28Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 29Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 30Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 31Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 32Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 29 of 38
DC Electrical Characteristics CPU/CPU# Clock
Ta = 0°C to 70°C, VDD = 3.3 V, Iref = 475
Ω
Item
Symbol
Min
Typ *
1
Max
Unit
Test Conditions
Output voltage
VO

1.20
V
Rp = 49.9
Ω, VDD = 3.3 V
Output Current
IO
I(nom) *
2
mA
VDD = 3.3 V
Output resistance
3000

Ω
VO = 1.2 V
Notes: 1. For conditions shown as Min or Max, use the appropriate value specified under recommended
operating conditionaI (nom) is output current(Ioh) shown in below.
2. Ioh = VDD/(3Rr) = 3.3/(3x475) = 2.32 mA,
Ioh x6 = 13.89 mA (Voh @Z: 0.695 V @50
Ω),
Ioh x2 = 4.63 mA (Voh @Z: 0.232 V @50
Ω)
AC Electrical Characteristics CPU/CPU# Clock (CPU at 0.7V Timing)
Ta = 0°C to 70°C, VDD = 3.3 V, CL = 2 pF, Rs = 33.2
Ω, Rp = 49.9 Ω
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Notes
Cycle to cycle jitter
tCCS
|125|
ps
Note1
CPU Group Skew
(CPU clock out to
CPU clock out)
tskS
|100|
ps
Rise time
tr
175
700
ps
VO = 0.175 V
to 0.525 V
200MHz
Fall time
tf
175
700
ps
VO = 0.175 V
to 0.525 V
200MHz
Clock Duty Cycle
45
50
55
%
200MHz
CPU clock period(100)
9.99
ns
CPU clock period(133)
7.49
ns
CPU clock period(166)
5.99
ns
CPU clock period(200)
4.99
ns
Cross point(0.7V) voltage
Vcross
0.25
0.55
V
200MHz
Note:
1. Difference of cycle time between two adjoining cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com