Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 22Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 23Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 24Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 25Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 26Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 27Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 28Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 29Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 26 of 38
Renesas clock generator I
2C Serial Interface Operation (cont.)
2. Read mode
2.1
Controller (host) sends a start bit.
2.2
Controller (host) sends the write address D2 (h).
2.3
Renesas clock generator will acknowledge (Renesas clock gen. sends “Low”).
2.4
Controller (host) sends a begin byte M.
2.5
Renesas clock generator will acknowledge (Renesas clock gen. sends “Low”).
2.6
Controller (host) sends a restart bit.
2.7
Controller (host) sends the read address D3 (h).
2.8
Renesas clock generator will acknowledge (Renesas clock gen. sends “Low”).
2.9
Renesas clock generator will send the byte count N.
2.10 Controller (host) will acknowledge.
2.11 Renesas clock generator will send data from byte M to byte M+N–1.
2.12 When Renesas clock generator sends the last byte, controller (host) will not acknowledge.
2.13 Controller (host) sends a stop bit.
Start bit
1 bit
1 bit 1 bit
1 bit
1 bit
7 bits
8 bits
7 bits
1 bit
Restart bit
Slave
address
Slave
address
R/W
D2(h)
R/W
D3(h)
Ack
1 bit
Ack
1 bit
Ack
1 bit
Ack
1 bit
Ack
Ack
Begin Count = N
8 bits
1 bit
1 bit
Stop bit
8 bits
Byte M+N–1
8 bits
8 bits
Byte M
Byte M+1
Not Ack
Begin Byte = M
Notes: 1.
Renesas clock generator is a slave/receiver, I
2C component. It can read back the data stored in
the latches for the verification.
2.
The data transfer rate supported by this clock generator is 100k bits/sec or less (standard
mode).
3.
The input is operating at 3.3 V logic levels.
4.
The data byte format is 8 bit bytes.
5.
To simplify the clock generator I
2C interface, the protocol is set to use only block-write from
the controller.
6.
The bytes must be accessed in sequential order from lowest to highest byte with the ability to
stop after any complete byte has been transferred. The data is loaded until a stop sequence is
issued.
7.
At power-on, all registers are set to a default condition, as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com