Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 8Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 9Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 10Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 11Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 12Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 13Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 14Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 15Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 12 of 38
I
2C Controlled Register Bit Map (cont.)
Byte9 Control Register
Bit
Description
Contents
Type
Default
Note
7
SSC2 Enable Bit
B6[2] = 0 or B9[7] = 1 : SSC2 =OFF
B6[2] = 1 & B9[7] = 0 : SSC2 = ON
RW
0
6
SSC1 Enable Bit
B6[2] = 0 or B9[6] = 1 : SSC1 = OFF
B6[2] = 1 & B9[6] = 0 : SSC1 = ON
RW
0
5
Clock Frequency Control
Bit4
Latched input PCIF_1 at Power ON
RW
X
4
Clock Frequency Control
Bit3
Latched input DOT48 at Power ON
RW
X
3
Clock Frequency Control
Bit2
Latched input PCIF_0 at Power ON
RW
X
2
Clock Frequency Control
Bit1
Latched input FS_A at Power ON
RW
X
1
Clock Frequency Control
Bit0
Latched input FS_B at Power ON
RW
X
See
Table
6
0
Frequency Select Mode Bit
0 = Freq. is selected by latched input
FS_A and FS_B
1 = Freq. is selected by I
2C B9[5:1]
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com