Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 4Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 5Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 6Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 7Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 8Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 9Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 10Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 11Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 8 of 38
I
2C Controlled Register Bit Map (cont.)
Table3 FS_A and FS_B pin Input level
Logic Level
Min Voltage
Max Voltage
0 (Low)
0.35V
1 (High)
0.70V
Byte1 Control Register
Bit
Description
Contents
Type
Default
Note
7
Allow control of SCR with assertion
of PCI_STOP#
0 = Free running
1 = Stopped with
PCI_STOP#
RW
0
See
Table5
6
SRC Output enable
0 = Disabled (tristate)
1 = Enabled
RW
1
5
Reserved
RW
1
4
Reserved
RW
1
3
Reserved
RW
1
2
CPU2 Output enable
0 = Disabled (tristate)
1 = Enabled
RW
1
1
CPU1 Output enable
0 = Disabled (tristate)
1 = Enabled
RW
1
0
CPU0 Output enable
0 = Disabled (tristate)
1 = Enabled
RW
1
Byte2 Control Register
Bit
Description
Contents
Type
Default
Note
7
SRC_Pwrdwn drive mode
0 = Driven in power down,
1 = Tristate
RW
0
6
SRC_Stop drive mode
0 = Driven when stopped,
1 = Tristate
RW
0
See
Table5
5
CPU2_Pwrdwn drive mode
0 = Driven in power down,
1 = Tristate
RW
0
4
CPU1_Pwrdwn drive mode
0 = Driven in power down,
1 = Tristate
RW
0
3
CPU0_Pwrdwn drive mode
0 = Driven in power down,
1 = Tristate
RW
0
2
Reserved
RW
0
1
Reserved
RW
0
0
Reserved
RW
0
See
Table4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com