Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 11Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 12Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 13Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 14Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 15Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 16Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 17Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 18Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 15 of 38
I
2C Controlled Register Bit Map (cont.)
Byte12 Control Register
Bit
Description
Contents
Type
Default
Note
7
Reserved
R/W
0
6
Reserved
R/W
0
5
Reserved
R/W
0
4
Reserved
R/W
0
3
Reserved
R/W
0
2
PLL1 Output (VCO1) Frequency
Control Bit
(M1/N1 Divider Control Bit)
PLL1 : for SRC/3V66/PCI_PLL
0 = Normal mode
PLL1 M1[6:0] and N1[9:0] are
changed on Table 5 selection
decided by FS4/3/2/A/B or
B9[5:1]
1 = Over or Down clocking mode
PLL1 M1[6:0] and N1[9:0] are
changed by B12[1:0], B13[7:0]
and B14[6:0].
B12[1:0], B13[7:0] and B14[6:0]
are able to be changed at B12[2]
= 1.
R/W
0
1
PLL1 N1 Divider Control Bit9
N1[9]
R/W
0
0
PLL1 N1 Divider Control Bit8
N1[8]
R/W
0
See.
Note
1
Note:
1. B12[1:0], B13[7:0] and B14[6:0] must be written together (at writing B14) in every case.
Byte13 Control Register
Bit
Description
Contents
Type
Default
Note
7
PLL1 N1 Divider Control Bit7
N1[7]
R/W
0
6
PLL1 N1 Divider Control Bit6
N1[6]
R/W
1
5
PLL1 N1 Divider Control Bit5
N1[5]
R/W
0
4
PLL1 N1 Divider Control Bit4
N1[4]
R/W
0
3
PLL1 N1 Divider Control Bit3
N1[3]
R/W
1
2
PLL1 N1 Divider Control Bit2
N1[2]
R/W
0
1
PLL1 N1 Divider Control Bit1
N1[1]
R/W
1
0
PLL1 N1 Divider Control Bit0
N1[0]
R/W
1
See
Note
1
Note:
1. B12[1:0], B13[7:0] and B14[6:0] must be written together (at writing B14) in every case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com