Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 6Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 7Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 8Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 9Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 10Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 11Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 12Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 13Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 10 of 38
I
2C Controlled Register Bit Map (cont.)
Byte4 Control Register
Bit
Description
Contents
Type
Default
Note
7
USB_48 2x output drive
0 = 2x Drive strength,
1 = Normal
RW
0
6
USB_48MHz Output Enable
0 = Disabled,
1 = Enabled
RW
1
5
Allow control of PCIF_2 with
assertion of PCI_STOP#
0 = Free Running
1 = Stopped with PCI_STOP#
RW
0
4
Allow control of PCIF_1 with
assertion of PCI_STOP#
0 = Free Running
1 = Stopped with PCI_STOP#
RW
0
3
Allow control of PCIF_0 with
assertion of PCI_STOP#
0 = Free Running
1 = Stopped with PCI_STOP#
RW
0
2
PCIF_2 Output enable
0 = Disabled, 1 = Enabled
RW
1
1
PCIF_1 Output enable
0 = Disabled, 1 = Enabled
RW
1
0
PCIF_0 Output enable
0 = Disabled, 1 = Enabled
RW
1
Byte5 Control Register
Bit
Description
Contents
Type
Default
Note
7
DOT_48MHz Output Enable
0 = Disabled, 1 = Enabled
RW
1
6
Reserved
RW
1
5
VCH Select 66MHz / 48MHz
0 = 3V66 mode
1 = VCH (48 MHz) mode
RW
0
4
3V66_4/VCH Output Enable
0 = Disabled (tristate),
1 = Enabled
RW
1
3
3V66_3 Output Enable
0 = Disabled, 1 = Enabled
RW
1
2
3V66_2 Output Enable
0 = Disabled, 1 = Enabled
RW
1
1
3V66_1 Output Enable
0 = Disabled, 1 = Enabled
RW
1
0
3V66_0 Output Enable
0 = Disabled, 1 = Enabled
RW
1
Byte6 Control Register
Bit
Description
Contents
Type
Default
Note
7
Test Clock Mode
0 = Disabled, 1 = Enabled
RW
0
6
Reserved
RW
0
5
FS_A & FS_B Operation
0 = Normal, 1 = Test mode
RW
0
4
SRC Frequency Select
0 = 100MHz, 1 = 200 MHz
RW
0
3
Reserved
RW
0
2
Spread Spectrum Mode
0 = Spread OFF
1 = Spread ON
RW
0
See
B9[7:6]
1
REF1 Output Enable
0 = Disabled, 1 = Enabled
RW
1
0
REF0 Output Enable
0 = Disabled, 1 = Enabled
RW
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com