Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 10Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 11Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 12Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 13Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 14Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 15Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 16Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 17Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 14 of 38
I
2C Controlled Register Bit Map (cont.)
Byte10 Control Register
Bit
Description
Contents
Type
Default
Note
7
RW
0
6
RW
0
5
SSC Spread Select Bit[2:0]
Bit[2:0] =
000 = –0.500%, 100 = ±0.250%
001 = –0.750%, 101 = ±0.375%
010 = –1.000%, 110 = ±0.500%
011 = –1.500%, 111 = ±0.750%
RW
0
4
Backup of latch Input FS_4 at
Power ON
RX
3
Backup of latch Input FS_3 at
Power ON
RX
2
Backup of latch Input FS_2 at
Power ON
RX
1
Backup of latch Input FS_A at
Power ON
RX
0
Backup of latch Input FS_B at
Power ON
When SAFE_F# is Enable
(B15[5]=1)
PWRDWN#/SAFE_F# pin to
“Low”, and if B23[1]=0, frequency
selection is changed to these
setting and
PWRDWN#/SAFE_F# pin to
“High”, frequency selection is
changed back to the last mode.
RX
Byte11 Control Register
Bit
Description
Contents
Type
Default
Note
7
PCI_STOP# Enable Control Bit
0 = Enable , 1 = Disable
RW
0
6
CPU_STOP# Enable Control Bit
0 = Enable , 1 = Disable
RW
0
5
PWRDWN# Enable Control Bit
0 = Enable , 1 = Disable
RW
0
4
Backup of B9[5] written by I
2CR
X
3
Backup of B9[4] written by I
2CR
X
2
Backup of B9[3] written by I
2CR
X
1
Backup of B9[2] written by I
2CR
X
0
Backup of B9[1] written by I
2C
When SAFE_F# is Enable
(B15[5]=1)
PWRDWN#/SAFE_F# pin to
“Low”, and if B23[1]=1,
frequency selection is changed to
these setting and
PWRDWN#/SAFE_F# pin to
“High”, frequency selection is
changed back to the last mode.
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com