Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 20Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 21Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 22Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 23Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 24Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 25Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 26Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 27Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 24 of 38
Clock Stop Timing Diagram
6× Iref (Controled by Byte2[6])
2× Iref (Controled by Byte2[5:3])
Tristate (Controled by Byte2[6])
Tristate
PCI_STOP#
PCI_F
PCI
SRC (Stoppable)
PCI_STOP# Assertion/De-assersion
PCI_STOP# Assertion/De-assertion Waveforms
Low
PWRDWN#
CPU (Stoppable)
CPU# (Stoppable)
CPU (Stoppable)
PWRDWN# Assertion/De-assersion
PWRDWN# Assertion/De-assertion Waveforms
6× Iref
6× Iref
< 1.8 ms
PWRDWN#
PWRDWN# Functionality
CPU#
CPU
SRC
SRC#
3V66
66MHz
Normal Normal Normal
Float
Float
Low
PCIF/PCI
33MHz
Low
USB/DOT
48MHz
Low
REF
14.318MHz
Low
SRC (Stoppable)
SRC# (Stoppable)
Float (Controled by Byte2[5:3])
Float
1
Normal
Iref:2
or Float
Iref:2
or Float
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com