Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 16Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 17Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 18Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 19Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 20Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 21Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 22Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 23Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 20 of 38
I
2C Controlled Register Bit Map (cont.)
Byte22 Control Register
Bit
Description
Contents
Type
Default
Note
7
CPU Frequency Read Bit7
R
0
6
CPU Frequency Read Bit6
R
0
5
CPU Frequency Read Bit5
R
0
4
CPU Frequency Read Bit4
Calculation result of CPU frequency.
1 MHz digit
0000 = 0, 0001 = 1 …. 1001 = 9
R0
3
CPU Frequency Read Bit3
R
0
2
CPU Frequency Read Bit2
R
0
1
CPU Frequency Read Bit1
R
0
0
CPU Frequency Read Bit0
Calculation result of CPU frequency.
0.1 MHz digit
0000 = 0, 0001 = 1 …. 1001 = 9
R0
Byte23 Control Register
Bit
Description
Contents
Type
Default
Note
7
Watchdog Enable Control Bit
0 = Disable , Pin22 = 3V66_0 output
1 = Enable , Pin22 = RESET# output
R/W
0
6
RESET# Reverse Control Bit
0 = Normal , 1 = Reverse
R/W
0
5
Watchdog Timer Count Bit3
R/W
1
4
Watchdog Timer Count Bit2
R/W
0
3
Watchdog Timer Count Bit1
R/W
0
2
Watchdog Timer Count Bit0
These 4 bits corresponds to how
many watchdog timer will wait from
becoming “Alarm mode” (B23[0] = 1)
to outputting RESET# pin to “Low”.
Default is 586ms x8 = 4.7s at Power
ON
R/W
0
1
Backup Frequency Select Bit
0 = B10[4:0] , 1 = B11[4:0]
When SAFE_F# is “Low” , frequency
mode is changed to the predefined
frequency mode decided by B10[4:0]
or B11[4:0].
R/W
0
0
Watchdog Status Bit
0 = Normal mode, 1 = Alarm mode
R/W
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com