Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 2Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 3Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 4Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 5Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 6Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 7Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 8Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 9Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 6 of 38
Block Diagram
3V66[3:1]
1/M2
SSC2
1/N2
1/M1
SSC1
1/N1
1/M0
1/N0
OSC
CK2
CK1
CK0
XTAL
14.318 MHz
REF[1:0]
(14.318MHz)
CPU[2:0]
CPU[2:0]#
* : Latched Input pin.
3.3 V VDD_48
3.3 V VDD_A
VSS_48
VSS_A
6
× 3.3V VDD 6×VSS VSS_IREF
IREF
PCI[6:0]
SRC#
SRC
*SEL48_24
*FS_4/3/2A/B
*SEL33_25
*MODE
TEST_CLK#
*SEL66_48
*SEL100_200
VTT_PWRGD#
PWRDWN#/SAFE_F#
PCI_STOP#
SCLK
SDATA
Input
Clock
Select
PLL2
For
CPU
USB
PLL
PLL1
For
SRC
3V66
PCI
PCIF[2:0]
3V66_0/RESET#
3V66_4/VCH
USB_48
DOT_48
Control Logic
VCO0
VCO1
VCO2
Clock
Divider
Clock
Select
Delay
Control
Stop
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com