Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 9Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 10Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 11Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 12Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 13Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 14Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 15Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 16Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 13 of 38
I
2C Controlled Register Bit Map (cont.)
Table6 Clock Frequency Function Table
FS_4
FS_3
FS_2
FS_A
FS_B
No.
B9[5]
B9[4]
B9[3]
B9[2]
B9[1]
CPU
[MHz]
SRC
[MHz]
3V66
[MHz]
PCI
[MHz]
0
0
0
0
0
0
100.02
100.02
66.68
33.34
1
0
0
0
0
1
200.03
100.02
66.68
33.34
2
0
0
0
1
0
133.36
100.02
66.68
33.34
3
0
0
0
1
1
166.69
100.02
66.68
33.34
4
0
0
1
0
0
200.03
100.02
66.68
33.34
5
0
0
1
0
1
400.07
100.02
66.68
33.34
6
0
0
1
1
0
266.71
100.02
66.68
33.34
7
0
0
1
1
1
333.39
100.02
66.68
33.34
8
0
1
0
0
0
138.69
100.02
66.68
33.34
9
0
1
0
0
1
142.25
100.02
66.68
33.34
10
0
1
0
1
0
145.80
100.02
66.68
33.34
11
0
1
0
1
1
149.36
100.02
66.68
33.34
12
0
1
1
0
0
152.91
100.02
66.68
33.34
13
0
1
1
0
1
156.47
100.02
66.68
33.34
14
0
1
1
1
0
160.03
100.02
66.68
33.34
15
0
1
1
1
1
163.58
100.02
66.68
33.34
16
1
0
0
0
0
167.14
100.02
66.68
33.34
17
1
0
0
0
1
170.70
100.02
66.68
33.34
18
1
0
0
1
0
174.25
100.02
66.68
33.34
19
1
0
0
1
1
177.81
100.02
66.68
33.34
20
1
0
1
0
0
181.36
100.02
66.68
33.34
21
1
0
1
0
1
184.92
100.02
66.68
33.34
22
1
0
1
1
0
186.70
100.02
66.68
33.34
23
1
0
1
1
1
189.36
100.02
66.68
33.34
24
1
1
0
0
0
192.03
100.02
66.68
33.34
25
1
1
0
0
1
194.70
100.02
66.68
33.34
26
1
1
0
1
0
197.37
100.02
66.68
33.34
27
1
1
0
1
1
200.03
100.02
66.68
33.34
28
1
1
1
0
0
202.70
100.02
66.68
33.34
29
1
1
1
0
1
205.37
100.02
66.68
33.34
30
1
1
1
1
0
208.03
100.02
66.68
33.34
31
1
1
1
1
1
210.70
100.02
66.68
33.34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com