Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 13Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 14Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 15Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 16Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 17Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 18Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 19Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 20Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 17 of 38
I
2C Controlled Register Bit Map (cont.)
Byte16 Control Register
Bit
Description
Contents
Type
Default
Note
3V66 divider ratio =
7
3V66 / PCI / PCIF Divider Control
Bit3
R/W
X
6
3V66 / PCI / PCIF Divider Control
Bit2
0010 = 1/2,
0011 = 1/3,
0100 = 1/4,
0101 = 1/5,
0110 = 1/6,
0111 = 1/7
1000 = 1/8
1001 = 1/9
1010 = 1/10
1011 = 1/11
R/W
X
5
3V66 / PCI / PCIF Divider Control
Bit1
R/W
X
4
3V66 / PCI / PCIF Divider Control
Bit0
PCI / PCIF divider ratio = 3v66 x
1/2
R/W
X
3
SRC Divider Control Bit3
R/W
X
2
SRC Divider Control Bit2
R/W
X
1
SRC Divider Control Bit1
R/W
X
0
SRC Divider Control Bit0
0001 = 1/1,
0010 = 1/2,
0011 = 1/3,
0100 = 1/4,
0101 = 1/5,
0110 = 1/6
0111 = 1/7
1000 = 1/8
1001 = 1/9
1010 = 1/10
1011 = 1/11
R/W
X
Byte17 Control Register
Bit
Description
Contents
Type
Default
Note
7
Reserved
R/W
0
6
Reserved
R/W
0
5
Reserved
R/W
0
4
PLL2 Output (VCO2) Frequency
Control Bit
(M2 / N2 Divider Control Bit)
PLL2 : for CPU
0 = Normal mode
VCO2 frequency is changed on
Table 5 selection decided by
FS4/3/2/A/B or B9[5:1].
1 = Over or Down clocking mode
VCO2 frequency is changed by
B17[3:0] and B18[7:0] with
decimal.
B17[3:0] and B18[7:0] are able to
be changed at B17[4] = 1.
R/W
0
3
VCO2 Frequency Control Bit11
R/W
0
2
VCO2 Frequency Control Bit10
R/W
1
1
VCO2 Frequency Control Bit9
R/W
0
0
VCO2 Frequency Control Bit8
These bits are 100MHz digit of
VCO2 frequency.
0000 = 0, 0001 = 1 …. 1001 = 9
R/W
0
See
Note
1
Note:
1. B17[3:0] and B18[7:0] must be written together (at writing B18) in every case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com