Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button HD151TS207SS Datasheet HTML 12Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 13Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 14Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 15Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 16Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 17Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 18Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 19Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 16 of 38
I
2C Controlled Register Bit Map (cont.)
Byte14 Control Register
Bit
Description
Contents
Type
Default
Note
7
Reserved
R/W
0
6
PLL1 M1 Divider Control Bit6
M1[6]
R/W
0
5
PLL1 M1 Divider Control Bit5
M1[5]
R/W
0
4
PLL1 M1 Divider Control Bit4
M1[4]
R/W
1
3
PLL1 M1 Divider Control Bit3
M1[3]
R/W
0
2
PLL1 M1 Divider Control Bit2
M1[2]
R/W
0
1
PLL1 M1 Divider Control Bit1
M1[1]
R/W
1
0
PLL1 M1 Divider Control Bit0
M1[0]
R/W
0
See
Note
1
Note:
1. B12[1:0], B13[7:0] and B14[6:0] must be written together (at writing B14) in every case.
Byte15 Control Register
Bit
Description
Contents
Type
Default
Note
7
PCI_5 Output Frequency Select
Bit
0 = 33.3 MHz, 1 = 25 MHz
R/W
0
6
USB_48 Output Frequency
Select Bit
0 = 48MHz, 1 = 24 MHz
R/W
0
5
SAFE_F# Input mode select Bit
0 = PWRDWN# input mode
1 = SAFE_F# input mode
Default is PWRDWN# input.
SAFE_F# is active “Low” input.
When SAFE_F# is “Low”,
frequency mode is changed to
the predefined frequency mode.
Predefined frequency mode is
selected by B23[1].
R/W
0
4
Clock Divider Control Bit
0 = Normal mode
Clock dividers are changed by
Table 5 selection decided B9[5:1]
1 = Over or Down clocking mode
Clock dividers are changed by
B15[3:0] and B16[7:0].
B15[3:0] and B16[7:0] are able to
be changed at B15[4] = 1.
R/W
0
3
CPU Divider Control Bit3
R/W
X
2
CPU Divider Control Bit2
R/W
X
1
CPU Divider Control Bit1
R/W
X
0
CPU Divider Control Bit0
0001 = 1/1,
0010 = 1/2,
0011 = 1/3,
0100 = 1/4,
0101 = 1/5,
0110 = 1/6,
0111 = 1/7
1000 = 1/8
1001 = 1/9
1010 = 1/10
1011 = 1/11
R/W
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com