Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 2 Page - Renesas Technology Corp

  HD151TS207SS Datasheet HTML 1Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 2Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 3Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 4Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 5Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 6Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 7Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 8Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 2 of 38
Key Specifications
• Supply Voltages: VDD = 3.3 V±5%
• CPU clock cycle to cycle jitter = |125ps| (SSC Disabled)
• CPU clock group Skew = 100ps
• 3V66 clock group Skew = 250psmax
• PCI clock group Skew = 500psmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com