Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD151TS207SS Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HD151TS207SS
Description  Mother Board Clock Generator for Intel P4 Chipset (Springdale)
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD151TS207SS Datasheet(HTML) 5 Page - Renesas Technology Corp

  HD151TS207SS Datasheet HTML 1Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 2Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 3Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 4Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 5Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 6Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 7Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 8Page - Renesas Technology Corp HD151TS207SS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
HD151TS207SS
Rev.1.00, Apr.25.2003, page 5 of 38
Pin Descriptions (cont.)
Pin name
No.
Type
Description
PWRDWN#/
SAFE_F#
21
INPUT
PULL–UP*
PWRDWN# / SAFE_F# selectable input.
Default is PWRDWN# input.
Byte15[5] = “1” : SAFE_F# input.
PWRDWN# is all clocks stop pin.
Asynchronous active “Low” input.
When asserted low, all output clocks are disabled.
SAFE_F# is active “Low” input.
When SAFE_F# is “Low” ,frequency mode is changed to the
predefined frequency mode.
3V66_0/RESET#
22
OUTPUT
3V66 / Watchdog RESET# selectable output.
Default is 3V66 output.
This signal is active low and selected by Mode latch input.
3V66_[1:3]
23,26,
27
OUTPUT
3V66 clock 3.3V outputs.
SCLK
28
INPUT
PULL-UP*
Clock input for I
2C logic.
**SEL66_48/
3V66_4/VCH
29
INPUT/
OUTPUT
Latched select input for 3V66/VCH output 1 = 48 MHz,
0 = 66.66 MHz. /3V66 or VCH clock output.
SDATA
30
IN/OUTPUT
PULL-UP*
Data input for I
2C logic.
**SEL48_24/
USB_48
31
INPUT/
OUTPUT
Latched select input for 48_24 MHz output
1 = 24 MHz, 0 = 48 MHz / 24_48 MHz clock 3.3 V output.
FS3/DOT_48
32
INPUT/
OUTPUT
Frequency select latch input pin.
/DOT_48 clock 3.3 V output.
VTT_PWRGD#
35
INPUT
PULL-UP*
Qualifying input that latches FS_A and FS_B.
When asserted low, FS_A and FS_B are latched.
SRC#
37
OUTPUT
“Complementary” clock of Differential Serial Reference Clock.
SRC
38
OUTPUT
“True” clock of Differential Serial Reference Clock.
CPU_[0:2]#
40,43,
46
OUTPUT
“Complementary” clock of differential CPU clock.
CPU_[0:2]
41,44,
47
OUTPUT
“True” clock of differential CPU clock.
PCI_STOP#
49
INPUT
PULL–UP*
PCI clocks stop pin. Active “Low” input.
When asserted low, PCI[6:0] and SRC clocks are
synchronously disabled in low state.
Usually this pin does not give to effect PCIF[2:0] clock outputs.
TEST_CLK#
50
INPUT
PULL-UP*
Test clock mode pin. Active “Low” input.
FS_[A:B]
51,52
INPUT
CPU clocks frequency select latch input.
IREF
52
INPUT
A precision resistor is attached to this pin which is connected
to internal current reference.
A resistor is connected between this pin and GNDIREF.
Note:
(*):
Those pins are 150 k
Ω internal pulled-UP.
(**):
Those pins are 150 k
Ω internal pulled-DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com