Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 417 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 417 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 413Page - Renesas Technology Corp M32C/86T Datasheet HTML 414Page - Renesas Technology Corp M32C/86T Datasheet HTML 415Page - Renesas Technology Corp M32C/86T Datasheet HTML 416Page - Renesas Technology Corp M32C/86T Datasheet HTML 417Page - Renesas Technology Corp M32C/86T Datasheet HTML 418Page - Renesas Technology Corp M32C/86T Datasheet HTML 419Page - Renesas Technology Corp M32C/86T Datasheet HTML 420Page - Renesas Technology Corp M32C/86T Datasheet HTML 421Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 505 page
background image
Page 394
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
00FFFF16
Block A :4 Kbytes
00F00016
4 Kbytes
FFF00016
FFFFFF16
NOTES:
1. The boot ROM area can be rewritten in parallel I/O mode only.
2. When specifying a block, use an even address in the block to be specified.
3. Shown here is a flash memory block diagram in single-chip mode.
4. The block A cannot be erased by the all erase unlocked block command. Use the block erase command to erase.
FF000016
Block 0 to Block 5 (32+8+8+8
+4+4) Kbytes
FE000016
Block 6 : 64 Kbytes
FEFFFF16
FD000016
FDFFFF16
FC000016
FCFFFF16
FB000016
FBFFFF16
FA000016
FAFFFF16
FFFFFF16
FFF00016
FFFFFF16
Block 0 : 4 Kbytes
Block 1 : 4 Kbytes
Block 2 : 8 Kbytes
FFE00016
FFEFFF16
FFC00016
FFDFFF16
Block 3 : 8 Kbytes
FFA00016
FFBFFF16
Block 4 : 8 Kbytes
FF800016
FF9FFF16
Block 5 : 32 Kbytes
FF000016
FF7FFF16
User ROM area
F9000016
F9FFFF16
F8000016
F8FFFF16
Block 7 : 64 Kbytes
Block 8 : 64 Kbytes
Block 9 : 64 Kbytes
Block 10 : 64 Kbytes
Block 11 : 64 Kbytes
Block 12 : 64 Kbytes
Boot ROM area
(1)
(4)
25.1 Memory Map
The flash memory includes the user ROM area and the boot ROM area. The user ROM area has space to
store the microcomputer operating programs in single-chip mode or memory expansion mode, and a sepa-
rate 4-kbyte space as the block A. Figure 25.1 shows a block diagram of the flash memory.
The user ROM area is divided into several blocks, each of which can be protected (locked) from program or
erase. The user ROM area can be rewritten in CPU rewrite mode, standard serial I/O mode and parallel I/O
mode.
The boot ROM area is located at the same addresses as the user ROM area. It can only be rewritten in
parallel I/O mode. A program in the boot ROM area is executed after a hardware reset occurs while a high-
level ("H") signal is applied to the CNVSS and P50 pins and a low-level ("L") signal is applied to the P55 pin.
A program in the user ROM area is executed after a hardware reset occurs while an "L" signal is applied to
the CNVSS pin. Consequently, the boot ROM area cannot be read.
Figure 25.1 Flash Memory Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com