Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 18Page - Renesas Technology Corp M32C/86T Datasheet HTML 19Page - Renesas Technology Corp M32C/86T Datasheet HTML 20Page - Renesas Technology Corp M32C/86T Datasheet HTML 21Page - Renesas Technology Corp M32C/86T Datasheet HTML 22Page - Renesas Technology Corp M32C/86T Datasheet HTML 23Page - Renesas Technology Corp M32C/86T Datasheet HTML 24Page - Renesas Technology Corp M32C/86T Datasheet HTML 25Page - Renesas Technology Corp M32C/86T Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 505 page
background image
Quick Reference by Address
B-9
Address
Register
Page
034016 Count Start Flag (TABSR)
148
034116 Clock Prescaler Reset Flag (CPSRF)
77
034216 One-Shot Start Flag (ONSF)
149
034316 Trigger Select Register (TRGSR)
150
034416 Up/Down Flag (UDF)
149
034516
034616
Timer A0 Register (TA0)
034716
034816
Timer A1 Register (TA1)
034916
034A16
Timer A2 Register (TA2)
147
034B16
034C16
Timer A3 Register (TA3)
034D16
034E16
Timer A4 Register (TA4)
034F16
035016
Timer B0 Register (TB0)
035116
035216
Timer B1 Register (TB1)
163
035316
035416
Timer B2 Register (TB2)
035516
035616 Timer A0 Mode Register (TA0MR)
035716 Timer A1 Mode Register (TA1MR)
035816 Timer A2 Mode Register (TA2MR)
148
035916 Timer A3 Mode Register (TA3MR)
035A16 Timer A4 Mode Register (TA4MR)
035B16 Timer B0 Mode Register (TB0MR)
035C16 Timer B1 Mode Register (TB1MR)
164
035D16 Timer B2 Mode Register (TB2MR)
035E16 Timer B2 Special Mode Register (TB2SC)
178
035F16 Count Source Prescaler Register (TCSPR)
77
036016
036116
036216
036316
036416 UART0 Special Mode Register 4 (U0SMR4)
191
036516 UART0 Special Mode Register 3 (U0SMR3)
190
036616 UART0 Special Mode Register 2 (U0SMR2)
189
036716 UART0 Special Mode Register (U0SMR)
188
036816 UART0 Transmit/Receive Mode Register (U0MR)
186
036916 UART0 Bit Rate Register (U0BRG)
036A16
UART0 Transmit Buffer Register (U0TB)
185
036B16
036C16 UART0 Transmit/Receive Control Register 0 (U0C0)
187
036D16 UART0 Transmit/Receive Control Register 1 (U0C1)
188
036E16
UART0 Receive Buffer Register (U0RB)
185
036F16
Address
Register
Page
037016
037116
037216
037316
037416
037516
037616
037716
037816 DMA0 Request Source Select Register (DM0SL)
037916 DMA1 Request Source Select Register (DM1SL)
127
037A16 DMA2 Request Source Select Register (DM2SL)
037B16 DMA3 Request Source Select Register (DM3SL)
037C16
CRC Data Register (CRCD)
037D16
257
037E16 CRC Input Register (CRCIN)
037F16
038016
A/D0 Register0 (AD00)
038116
038216
A/D0 Register1 (AD01)
038316
038416
A/D0 Register2 (AD02)
038516
038616
A/D0 Register3 (AD03)
038716
242
038816
A/D0 Register4 (AD04)
038916
038A16
A/D0 Register5 (AD05)
038B16
038C16
A/D0 Register6 (AD06)
038D16
038E16
A/D0 Register7 (AD07)
038F16
039016
039116
039216 A/D0 Control Register 4 (AD0CON4)
242
039316
039416 A/D0 Control Register 2 (AD0CON2)
240
039516 A/D0 Control Register 3 (AD0CON3)
241
039616 A/D0 Control Register 0 (AD0CON0)
238
039716 A/D0 Control Register 1 (AD0CON1)
239
039816 D/A Register 0 (DA0)
256
039916
039A16 D/A Register 1 (DA1)
256
039B16
039C16 D/A Control Register (DACON)
256
039D16
039E16
039F16
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com