Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 96Page - Renesas Technology Corp M32C/86T Datasheet HTML 97Page - Renesas Technology Corp M32C/86T Datasheet HTML 98Page - Renesas Technology Corp M32C/86T Datasheet HTML 99Page - Renesas Technology Corp M32C/86T Datasheet HTML 100Page - Renesas Technology Corp M32C/86T Datasheet HTML 101Page - Renesas Technology Corp M32C/86T Datasheet HTML 102Page - Renesas Technology Corp M32C/86T Datasheet HTML 103Page - Renesas Technology Corp M32C/86T Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 505 page
background image
Page 77
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 9.6 TCSPR and CPSRF Registers
CNT0
CNT1
CNT2
CNT3
(b6 - b4)
CST
NOTES:
1. Rewrite the CNT3 to CNT0 bits after the CST bit is set to "0".
2. Value of the TCSPR register is not reset by software reset or watchdog timer reset.
Count Source Prescaler Register
Division Rate
Select Bit(1)
Operation Enable Bit
Reserved Bit
0: Divider stops
1: Divider starts
If setting value is n, f2n is the
main clock, on-chip oscillator clock
or PLL clock divided by 2n.
When n is set to "0", no division is
selected.
Symbol
Address
After Reset(2)
TCSPR
035F16
0XXX 00002
Function
Bit Name
Bit
Symbol
RW
RW
RW
RW
RW
RO
RW
CPSR
(b6 - b0)
Clock Prescaler Reset Flag
Clock Prescaler Reset
Flag
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Symbol
Address
After Reset
CPSRF
034116
0XXX XXXX2
Function
Bit Name
Bit
Symbol
RW
RW
RW
When the CPSR bit is set to "1", fC
divided by 32 is reset.
When read, its content is "0".
When read,
its content is indeterminate
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com