Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 12Page - Renesas Technology Corp M32C/86T Datasheet HTML 13Page - Renesas Technology Corp M32C/86T Datasheet HTML 14Page - Renesas Technology Corp M32C/86T Datasheet HTML 15Page - Renesas Technology Corp M32C/86T Datasheet HTML 16Page - Renesas Technology Corp M32C/86T Datasheet HTML 17Page - Renesas Technology Corp M32C/86T Datasheet HTML 18Page - Renesas Technology Corp M32C/86T Datasheet HTML 19Page - Renesas Technology Corp M32C/86T Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 505 page
background image
Quick Reference by Address
B-3
Address
Register
Page
00C016
00C116
00C216
00C316
00C416
00C516
00C616
00C716
00C816
00C916
00CA16
00CB16
00CC16
00CD16
00CE16
00CF16
00D016
00D116
00D216
00D316
00D416
00D516
00D616
00D716
00D816
00D916
00DA16
00DB16
00DC16
00DD16
00DE16
00DF16
00E016
00E116
00E216
00E316
00E416
00E516
00E616
00E716
00E816
SI/O Receive Buffer Register0 (G0RB)
290
00E916
00EA16 Transmit Buffer/Receive Data Register 0 (G0TB/G0DR)
296
00EB16
00EC16 Receive Input Register 0 (G0RI)
289
00ED16 SI/O Communication Mode Register 0 (G0MR)
291
00EE16 Transmit Output Register 0 (G0TO)
289
00EF16 SI/O Communication Control Register 0 (G0CR)
290
Address
Register
Page
00F016 Data Compare Register 00 (G0CMP0)
00F116 Data Compare Register 01 (G0CMP1)
00F216 Data Compare Register 02 (G0CMP2)
297
00F316 Data Compare Register 03 (G0CMP3)
00F416 Data Mask Register 00 (G0MSK0)
00F516 Data Mask Register 01 (G0MSK1)
00F616 Communication Clock Select Register (CCS)
298
00F716
00F816
Receive CRC Code Register 0 (G0RCRC)
00F916
297
00FA16
Tramsmit CRC Code Register 0 (G0TCRC)
00FB16
00FC16 SI/O Extended Mode Register 0 (G0EMR)
292
00FD16 SI/O Extended Receive Control Register 0 (G0ERC)
294
00FE16 SI/O Special Communication Interrupt Detect Register 0 (G0IRF)
295
00FF16 SI/O Extended Transmit Control Register 0 (G0ETC)
293
010016 Time Measurement Register 10 (G1TM0)/
010116 Waveform Generating Register 10 (G1PO0)
010216 Time Measurement Register 11 (G1TM1)/
010316 Waveform Generating Register 11 (G1PO1)
010416 Time Measurement Register 12 (G1TM2)/
010516 Waveform Generating Register 12 (G1PO2)
010616 Time Measurement Register 13 (G1TM3)/
010716 Waveform Generating Register 13 (G1PO3)
268/
010816 Time Measurement Register 14 (G1TM4)/
269
010916 Waveform Generating Register 14 (G1PO4)
010A16 Time Measurement Register 15 (G1TM5)/
010B16 Waveform Generating Register 16 (G1PO5)
010C16 Time Measurement Register 16 (G1TM6)/
010D16 Waveform Generating Register 16 (G1PO6)
010E16 Time Measurement Register 17 (G1TM7)/
010F16 Waveform Generating Register 17 (G1PO7)
011016 Waveform Generating Control Register 10 (G1POCR0)
011116 Waveform Generating Control Register 11 (G1POCR1)
011216 Waveform Generating Control Register 12 (G1POCR2)
011316 Waveform Generating Control Register 13 (G1POCR3)
268
011416 Waveform Generating Control Register 14 (G1POCR4)
011516 Waveform Generating Control Register 15 (G1POCR5)
011616 Waveform Generating Control Register 16 (G1POCR6)
011716 Waveform Generating Control Register 17 (G1POCR7)
011816 Time Measurement Control Register 10 (G1TMCR0)
011916 Time Measurement Control Register 11 (G1TMCR1)
011A16 Time Measurement Control Register 12 (G1TMCR2)
011B16 Time Measurement Control Register 13 (G1TMCR3)
267
011C16 Time Measurement Control Register 14 (G1TMCR4)
011D16 Time Measurement Control Register 15 (G1TMCR5)
011E16 Time Measurement Control Register 16 (G1TMCR6)
011F16 Time Measurement Control Register 17 (G1TMCR7)
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com