Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 89Page - Renesas Technology Corp M32C/86T Datasheet HTML 90Page - Renesas Technology Corp M32C/86T Datasheet HTML 91Page - Renesas Technology Corp M32C/86T Datasheet HTML 92Page - Renesas Technology Corp M32C/86T Datasheet HTML 93Page - Renesas Technology Corp M32C/86T Datasheet HTML 94Page - Renesas Technology Corp M32C/86T Datasheet HTML 95Page - Renesas Technology Corp M32C/86T Datasheet HTML 96Page - Renesas Technology Corp M32C/86T Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 505 page
background image
Page 70
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
8. Bus
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
__________
HOLD > DMAC > CPU
m
e
t
Is
u
t
a
t
S
n
o
i
t
a
ll
i
c
s
On
O
E
H
B
,
S
C
,
s
u
B
a
t
a
D
,
s
u
B
s
s
e
r
d
d
A
,
l
a
n
g
i
S
R
W
,
l
a
n
g
i
S
D
R
e
c
n
a
d
e
p
m
i
-
h
g
i
H
5
1
P
o
t
0
P
:
s
t
r
o
P
O
/
I
e
l
b
a
m
m
a
r
g
o
r
P
d
e
v
i
e
c
e
r
s
a
w
D
L
O
H
n
e
h
w
s
a
e
t
a
t
s
e
m
a
s
e
h
t
s
n
i
a
t
n
i
a
M
A
D
L
H"
L
"
s
t
u
p
t
u
O
s
t
i
u
c
r
i
C
l
a
r
e
h
p
i
r
e
P
l
a
n
r
e
t
n
I
)
r
e
m
i
t
g
o
d
h
c
t
a
w
e
h
t
g
n
i
d
u
l
c
x
e
(
n
O
l
a
n
g
i
S
E
L
A"
L
"
s
t
u
p
t
u
O
m
e
t
I
M
A
R
l
a
n
r
e
t
n
I
d
n
a
,
M
O
R
l
a
n
r
e
t
n
I
,
R
F
S
g
n
i
s
s
e
c
c
A
n
e
h
w
e
t
a
t
S
s
u
B
s
s
e
r
d
d
Ad
e
s
s
e
c
c
a
t
s
a
l
e
c
a
p
s
l
a
n
r
e
t
x
e
f
o
s
s
e
r
d
d
a
s
d
l
o
H
a
t
a
D
s
u
B
d
a
e
R
n
e
h
We
c
n
a
d
e
p
m
i
-
h
g
i
H
e
t
i
r
W
n
e
h
We
c
n
a
d
e
p
m
i
-
h
g
i
H
H
R
W
,
L
R
W
,
R
W
,
D
R"
H
"
s
t
u
p
t
u
O
E
H
Bd
e
s
s
e
c
c
a
t
s
a
l
e
c
a
p
s
l
a
n
r
e
t
x
e
f
o
e
t
a
t
s
s
d
l
o
H
S
C"
H
"
s
t
u
p
t
u
O
E
L
AE
L
A
s
t
u
p
t
u
O
_________
8.2.7 HOLD Signal
__________
The HOLD signal transfers bus privileges from the CPU to external circuits. When a low-level ("L") signal is
__________
applied to the HOLD pin, the microcomputer enters a hold state after bus access is completed. While the
__________
_________
HOLD pin is held "L", the microcomputer is in a hold state and the HLDA pin outputs an "L" signal.
Table 8.7 shows the microcomputer status in a hold state.
__________
Bus is used in the following priority order: HOLD, DMAC, CPU.
Figure 8.12 Bus Priority Order
Table 8.7 Microcomputer Status in Hold State
8.2.8 External Bus Status when Accessing Internal Space
Table 8.8 shows external bus states when an internal space is accessed.
Table 8.8 External Bus States when Accessing Internal Space
8.2.9 BCLK Output
The CPU clock operates the CPU. P53 outputs the CPU clock signal as BCLK when the PM07 bit in the
PM0 register is set to "0" (BCLK) and the CM01 and CM00 bits in the CM0 register are set to "002" (I/O
port P53).
No BCLK is output in single-chip mode. Refer to 9. Clock Generation Circuit for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com