Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 41Page - Renesas Technology Corp M32C/86T Datasheet HTML 42Page - Renesas Technology Corp M32C/86T Datasheet HTML 43Page - Renesas Technology Corp M32C/86T Datasheet HTML 44Page - Renesas Technology Corp M32C/86T Datasheet HTML 45Page - Renesas Technology Corp M32C/86T Datasheet HTML 46Page - Renesas Technology Corp M32C/86T Datasheet HTML 47Page - Renesas Technology Corp M32C/86T Datasheet HTML 48Page - Renesas Technology Corp M32C/86T Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 505 page
background image
Page 22
4. Special Function Registers (SFR)
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
00F016
Data Compare Register 00
G0CMP0
XX16
00F116
Data Compare Register 01
G0CMP1
XX16
00F216
Data Compare Register 02
G0CMP2
XX16
00F316
Data Compare Register 03
G0CMP3
XX16
00F416
Data Mask Register 00
G0MSK0
XX16
00F516
Data Mask Register 01
G0MSK1
XX16
00F616
Communication Clock Select Register
CCS
XXXX 00002
00F716
00F816
XX16
Receive CRC Code Register 0
G0RCRC
00F916
XX16
00FA16
0016
Transmit CRC Code Register 0
G0TCRC
00FB16
0016
00FC16
SI/O Expansion Mode Register 0
G0EMR
0016
00FD16
SI/O Expansion Receive Control Register 0
G0ERC
0016
00FE16
SI/O Special Communication Interrupt Detect Register 0
G0IRF
0016
00FF16
SI/O Expansion Transmit Control Register 0
G0ETC
0000 0XXX2
010016
XX16
Time Measurement/Waveform Generating Register 10
G1TM0/G1PO0
010116
XX16
010216
XX16
Time Measurement/Waveform Generating Register 11
G1TM1/G1PO1
010316
XX16
010416
XX16
Time Measurement/Waveform Generating Register 12
G1TM2/G1PO2
010516
XX16
010616
XX16
Time Measurement/Waveform Generating Register 13
G1TM3/G1PO3
010716
XX16
010816
XX16
Time Measurement/Waveform Generating Register 14
G1TM4/G1PO4
010916
XX16
010A16
XX16
Time Measurement/Waveform Generating Register 15
G1TM5/G1PO5
010B16
XX16
010C16
XX16
Time Measurement/Waveform Generating Register 16
G1TM6/G1PO6
010D16
XX16
010E16
XX16
Time Measurement/Waveform Generating Register 17
G1TM7/G1PO7
010F16
XX16
011016
Waveform Generating Control Register 10
G1POCR0
0000 X0002
011116
Waveform Generating Control Register 11
G1POCR1
0X00 X0002
011216
Waveform Generating Control Register 12
G1POCR2
0X00 X0002
011316
Waveform Generating Control Register 13
G1POCR3
0X00 X0002
011416
Waveform Generating Control Register 14
G1POCR4
0X00 X0002
011516
Waveform Generating Control Register 15
G1POCR5
0X00 X0002
011616
Waveform Generating Control Register 16
G1POCR6
0X00 X0002
011716
Waveform Generating Control Register 17
G1POCR7
0X00 X0002
011816
Time Measurement Control Register 10
G1TMCR0
0016
011916
Time Measurement Control Register 11
G1TMCR1
0016
011A16
Time Measurement Control Register 12
G1TMCR2
0016
011B16
Time Measurement Control Register 13
G1TMCR3
0016
011C16
Time Measurement Control Register 14
G1TMCR4
0016
011D16
Time Measurement Control Register 15
G1TMCR5
0016
011E16
Time Measurement Control Register 16
G1TMCR6
0016
011F16
Time Measurement Control Register 17
G1TMCR7
0016
X: Indeterminate
Blank spaces are reserved. No access is allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com