Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 67Page - Renesas Technology Corp M32C/86T Datasheet HTML 68Page - Renesas Technology Corp M32C/86T Datasheet HTML 69Page - Renesas Technology Corp M32C/86T Datasheet HTML 70Page - Renesas Technology Corp M32C/86T Datasheet HTML 71Page - Renesas Technology Corp M32C/86T Datasheet HTML 72Page - Renesas Technology Corp M32C/86T Datasheet HTML 73Page - Renesas Technology Corp M32C/86T Datasheet HTML 74Page - Renesas Technology Corp M32C/86T Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 505 page
background image
Page 48
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
6. Voltage Detection Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
6.1.1 Limitations on Exiting Stop/Wait Mode
The low voltage detection interrupt is generated and the microcomputer exits stop mode as soon as the
CM10 bit in the CM1 register is set to "1" (all clocks stopped) under the conditions below. Additionally, if
WAIT instruction is executed under these same conditions, the low voltage detection interrupt is immedi-
ately generated and the microcomputer exits wait mode.
- the VC27 bit in the VCR2 register is set to "1" (low voltage detection circuit enabled),
- the D40 bit in the D4INT register is set to "1" (low voltage detection interrupt enabled),
- the D41 bit in the D4INT register is set to "1" (low voltage detection interrupt is used to exit stop/wait
mode), and
- the voltage applied to the VCC pin is higher than Vdet4 (the VC13 bit in the VCR1 register is set to "1")
Set the CM10 bit to "1" when the VC13 bit is "0" (VCC < Vdet4), if the microcomputer is set to enter stop/
wait mode when the voltage applied to the VCC pin drops below Vdet4 and to exit stop/wait mode when
the voltage applied rises to Vdet4 or above.
6.2 Cold Start-up / Warm Start-up Determine Function
The WDC5 bit in the WDC register determines either cold start-up, power-on reset, or warm start-up, reset
during the microcomputer running. Default value of the WDC5 bit is "0" (cold start-up) when power-on. It is
set to "1" (warm start-up) by writing desired values to the WDC register. The WDC5 bit is not reset,
regardless of a software reset or reset signal input.
Figure 6.7 shows a block diagram of the cold start-up/warm start-up determine function. Figure 6.8 shows
its operation exmaple.
T2
Program running started
T1
Pch transistor ON (Approx. 4V)
CPU reset release
Set to "1" by program
The WDC5 bit is set to "0"
as soon as enough voltage
is applied to VCC.
T > 100
µs
5V
0V
5V
0V
"1"
"0"
VCC
WDC5 Bit
RESET
Reset Sequence (Approx. 20
µs @16MHz)
NOTES:
1. Time difference between T1 and T2 may affect the WDC5 bit setting period.
No change
even if the
voltage applied
to RESET is 0V.
Hardware Reset 1 when Power-on
Write to WDC register
S
R
Q
COLD/WARM
WDC5 Bit
(Cold Start-up/Warm Start-up)
Figure 6.7
Cold Start-up/Warm Start-up Determine Function Block Diagram
Figure 6.8 Cold Start-up/Warm Start-up Determine Function Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com