Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 46Page - Renesas Technology Corp M32C/86T Datasheet HTML 47Page - Renesas Technology Corp M32C/86T Datasheet HTML 48Page - Renesas Technology Corp M32C/86T Datasheet HTML 49Page - Renesas Technology Corp M32C/86T Datasheet HTML 50Page - Renesas Technology Corp M32C/86T Datasheet HTML 51Page - Renesas Technology Corp M32C/86T Datasheet HTML 52Page - Renesas Technology Corp M32C/86T Datasheet HTML 53Page - Renesas Technology Corp M32C/86T Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 505 page
background image
Page 27
4. Special Function Registers (SFR)
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Address
Register
Symbol
Value after RESET
CAN0 Message Slot 10 Control Register /
C0MCTL10/
0000 00002(2)
023A16
CAN0 Local Mask Register B Extended ID0
C0LMBR2
XXXX 00002(2)
CAN0 Message Slot 11 Control Register /
C0MCTL11/
0016(2)
023B16
CAN0 Local Mask Register B Extended ID1
C0LMBR3
0016(2)
CAN0 Message Slot 12 Control Register /
C0MCTL12/
0000 00002(2)
023C16
CAN0 Local Mask Register B Extended ID2
C0LMBR4
XX00 00002(2)
023D16
CAN0 Message Slot 13 Control Register
C0MCTL13
0016(2)
023E16
CAN0 Message Slot 14 Control Register
C0MCTL14
0016(2)
023F16
CAN0 Message Slot 15 Control Register
C0MCTL15
0016(2)
024016
CAN0 Slot Buffer Select Register
C0SBS
0016(2)
024116
CAN0 Control Register 1
C0CTLR1
X000 00XX2(2)
024216
CAN0 Sleep Control Register
C0SLPR
XXXX XXX02
024316
024416
0016(2)
CAN0 Acceptance Filter Support Register
C0AFS
024516
0116(2)
024616
024716
024816
024916
024A16
024B16
024C16
024D16
024E16
024F16
025016
CAN1 Slot Buffer Select Register
C1SBS
0016(3)
025116
CAN1 Control Register 1
C1CTLR1
X000 00XX2(3)
025216
CAN1 Sleep Control Register
C1SLPR
XXXX XXX02
025316
025416
0016(3)
CAN1 Acceptance Filter Support Register
C1AFS
025516
0116(3)
025616
025716
025816
025916
025A16
025B16
025C16
025D16
025E16
025F16
X: Indeterminate
Blank spaces are reserved. No access is allowed.
NOTES:
1. The BANKSEL bit in the C0CTLR1 register switches functions for addresses 022016 to 023F16.
2. Values are obtained by setting the SLEEP bit in the C0SLPR register to "1" (sleep mode exited) after reset and
applying the clock to the CAN module.
3. Values are obtained by setting the SLEEP bit in the C1SLPR register to "1" (sleep mode exited) after reset and
applying the clock to the CAN module.
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com