Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 64Page - Renesas Technology Corp M32C/86T Datasheet HTML 65Page - Renesas Technology Corp M32C/86T Datasheet HTML 66Page - Renesas Technology Corp M32C/86T Datasheet HTML 67Page - Renesas Technology Corp M32C/86T Datasheet HTML 68Page - Renesas Technology Corp M32C/86T Datasheet HTML 69Page - Renesas Technology Corp M32C/86T Datasheet HTML 70Page - Renesas Technology Corp M32C/86T Datasheet HTML 71Page - Renesas Technology Corp M32C/86T Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 505 page
background image
Page 45
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
6. Voltage Detection Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 6.4 D4INT Register
0 0 : CPU clock divided by 8
0 1 : CPU clock divided by 16
1 0 : CPU clock divided by 32
1 1 : CPU clock divided by 64
NOTES:
1. Set the D4INT registers after the PRC3 bit in the PRCR register is set to "1" (write enable).
2. The D40 bit setting is enabled when the VC27 bit in the VCR2 register is set to "1" (low voltage
detection circuit enabled).
Use the following procedure to set the D40 bit to "1":
(1) Set the VC27 bit to "1"
(2) Wait td(E-A) ms to start operating the voltage detection circuit
(3) Wait required sampling time (see Table 6.2)
(4) Set the D40 bit to "1"
3. When exiting stop mode using the low voltage detection circuit again after having already done so,
set the D41 bit to "1" after setting it to "0".
4. The D42 bit setting is enabled when the VC27 bit in the VCR2 register is set to "1" (low voltage
detection circuit enabled). The D42 bit is set to "0" when the VC27 bit is set to "0" (low voltage
detection circuit disabled).
5. The bit is set to "0" by a program. (It remains unchanged even if it is set to "1".)
6. The D4INT register in M32C/86T cannot be used.
Symbol
Address
After Reset
D4INT
002F16
0016
Low Voltage Detection Interrupt Register(1,6)
RW
RW
RW
RW
RW
RW
RW
b5 b4
0: Disables the interrupt
1: Enables the interrupt
0: Disabled (cannot use the low
voltage detection interrupt to exit
stop/wait mode)
1: Enabled (can use the low voltage
detection interrupt to exit stop/wait
mode)
0: Not detected
1: Detects above or below Vdet4
0: Not detected
1: Detected
D40
D41
D42
D43
WDT Overflow
Detect Flag(5)
Voltage Change
Detect Flag(4, 5)
Stop/Wait Mode
Deactivation
Control Bit(3)
DF0
DF1
(b7 - b6)
Bit Name
Function
Bit
Symbol
Sampling Clock
Select Bit
Low Voltage Detection
Interrupt Enable Bit(2)
Reserved Bit
When read,
its content is indeterminate
RO
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com