Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86T Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # M32C/86T
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86T Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button M32C/86T Datasheet HTML 93Page - Renesas Technology Corp M32C/86T Datasheet HTML 94Page - Renesas Technology Corp M32C/86T Datasheet HTML 95Page - Renesas Technology Corp M32C/86T Datasheet HTML 96Page - Renesas Technology Corp M32C/86T Datasheet HTML 97Page - Renesas Technology Corp M32C/86T Datasheet HTML 98Page - Renesas Technology Corp M32C/86T Datasheet HTML 99Page - Renesas Technology Corp M32C/86T Datasheet HTML 100Page - Renesas Technology Corp M32C/86T Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 505 page
background image
Page 74
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
9. Clock Generation Circuit
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 9.3 CM1 Register
CM10
(b4 - b1)
(b5)
(b6)
CM17
System Clock Control Register 1(1)
Reserved Bit
All Clock Stop Control
Bit(2, 5)
Reserved Bit
Reserved Bit
CPU Clock Select
Bit 1(4,5)
Set to "0"
Set to "0"
Set to "1"
0 : Clock oscillates
1 : All clocks stop (stop mode)(3)
0 : Main clock
1 : PLL clock
Symbol
Address
After Reset
CM1
000716
0010 00002
Function
Bit Name
Bit
Symbol
RW
RW
RW
RW
RW
RW
NOTES:
1. Rewrite the CM1 register after the PRC0 bit in the PRCR register is set to "1" (write enable).
2. When the CM10 bit is set to "1", the clock applied to XOUT becomes "H" and the built-in feedback
resistor is disabled. XIN, XCIN and XCOUT are placed in high-impedance states.
3. When the CM10 bit is set to "1", the MCD4 to MCD0 bits in the MCD register are set to "010002"
(divide-by-8 mode). When the CM20 bit is set to "1" (oscillation stop detect function enabled) or the
CM21 bit to "1" (on-chip oscillator selected), do not set the CM10 bit to "1".
4. The CM17 bit setting is enabled only when the CM21 bit in the CM2 register is set to "0". Use the
procedure shown in Figure 9.12 to set the CM17 bit to "1".
5. If the PM21 bit in the PM2 register is set to "1" (clock change disable), the CM10 and CM17 bits do
not change when written.
If the PM22 bit in the PM2 register is set to "1" (on-chip oscillator clock as watchdog timer count
source), the CM10 bit setting does not change when written.
b7
b6
b5
b4
b3
b2
b1
b0
00
00
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com